Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX6AWT-H1-0000-0009F6 Datasheet(PDF) 23 Page - Cree, Inc

No. de pieza MX6AWT-H1-0000-0009F6
Descripción Electrónicos  XLamp MX Family LEDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

MX6AWT-H1-0000-0009F6 Datasheet(HTML) 23 Page - Cree, Inc

Back Button MX6AWT-H1-0000-0009F6 Datasheet HTML 16Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 17Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 18Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 19Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 20Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 21Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 22Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 23Page - Cree, Inc MX6AWT-H1-0000-0009F6 Datasheet HTML 24Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Copyright © 2010-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com. For warranty
information, please contact Cree Sales at sales@cree.com.
23
XLamp® mX FamiLy LED Binning & LaBELing
* Cree XLamp MX Family LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
stanDarD orDEr CoDEs anD bIns (MX-6s WarM WhItE)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s chromaticity
regions and luminous flux range. For other flux and chromaticity combinations, contact Cree or an authorized distributor.
XLamp MX-6s LED standard order Codes - Warm White
Minimum Luminous
Flux @ 60 mA*
Chromaticity regions
order Code
CCt
Group
Flux (lm)
Warm White (2600 K – 4300 K)
p4
80.6
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-a1-0000-0009F8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-a1-0000-0009e8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-a1-0000-0009Z8
2700 K
Q2
87.4
6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4,7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4
MX6SWT-a1-0000-000aF7
3200 K
7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4,7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4
MX6SWT-a1-0000-000ae7
3000 K
7a3, 7B4, 7C1, 7D2
MX6SWT-a1-0000-000aZ7
3000 K
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-a1-0000-000aF8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-a1-0000-000ae8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-a1-0000-000aZ8
2700 K
Q3
93.9
4C,4D,5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4
MX6SWT-a1-0000-000BF5
4200 K
5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4,5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4
MX6SWT-a1-0000-000Be5
4000 K
5a3, 5B4, 5C1, 5D2
MX6aWT-a1-0000-000BZ5
4000 K
5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4,6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4
MX6SWT-a1-0000-000BF6
3700 K
6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4,6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4
MX6SWT-a1-0000-000Be6
3500 K
6a3, 6B4, 6C1, 6D2
MX6SWT-a1-0000-000BZ6
3500 K
6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4,7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4
MX6SWT-a1-0000-000BF7
3200 K
7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4,7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4
MX6SWT-a1-0000-000Be7
3000 K
7a3, 7B4, 7C1, 7D2
MX6SWT-a1-0000-000BZ7
3000 K
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-a1-0000-000BF8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-a1-0000-000Be8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-a1-0000-000BZ8
2700 K
Q4
100
4C,4D,5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4
MX6SWT-a1-0000-000CF5
4200 K
5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4,5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4
MX6SWT-a1-0000-000Ce5
4000 K
5a3, 5B4, 5C1, 5D2
MX6aWT-a1-0000-000CZ5
4000 K
5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4,6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4
MX6SWT-a1-0000-000CF6
3700 K
6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4,6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4
MX6SWT-a1-0000-000Ce6
3500 K
6a3, 6B4, 6C1, 6D2
MX6SWT-a1-0000-000CZ6
3500 K
6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4,7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4
MX6SWT-a1-0000-000CF7
3200 K
7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4,7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4
MX6SWT-a1-0000-000Ce7
3000 K
7a3, 7B4, 7C1, 7D2
MX6SWT-a1-0000-000CZ7
3000 K
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-a1-0000-000CF8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-a1-0000-000Ce8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-a1-0000-000CZ8
2700 K


Número de pieza similar - MX6AWT-H1-0000-0009F6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX6AWT-H1-0000-000AE7 CREE-MX6AWT-H1-0000-000AE7 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6AWT-H1-0000-000BE5 CREE-MX6AWT-H1-0000-000BE5 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6AWT-H1-0000-000BE7 CREE-MX6AWT-H1-0000-000BE7 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6AWT-H1-0000-000C51 CREE-MX6AWT-H1-0000-000C51 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6AWT-H1-0000-000CE3 CREE-MX6AWT-H1-0000-000CE3 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
More results

Descripción similar - MX6AWT-H1-0000-0009F6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com