Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4567-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 1N4567-1
Descripción Electrónicos  Temperature Compensated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4567-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  1N4567-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4567-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4567-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4567-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 1N4567-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Temperature Compensated
Zener Reference Diode Series
Rev. V1
1N4565-1 thru 1N4584-1 &
1N4565A-1 thru 1N4584A-1
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0012380
1
JEDEC
Type #
Zener
Test
Current
IZT
Effective
Temperature
Coefficient
Voltage
Temperature
Stability
ΔVZT max.
1
Temperature
Range
Maximum
Dynamic
Zener
Impedance2
mA
%/°C
mV
°C
Ω
1N4565-1
1N4565A-1
0.5
0.01
48
100
0 to +75
-55 to +100
200
1N4566-1
1N4566A-1
0.5
0.005
24
50
0 to +75
-55 to +100
200
1N4567-1
1N4567A-1
0.5
0.002
10
20
0 to +75
-55 to +100
200
1N4568-1
1N4568A-1
0.5
0.001
5
10
0 to +75
-55 to +100
200
1N4569-1
1N4569A-1
0.5
0.0005
2.5
5.0
0 to +75
-55 to +100
200
1N4570-1
1N4570A-1
1.0
0.01
48
100
0 to +75
-55 to +100
100
1N4571-1
1N4571A-1
1.0
0.005
24
50
0 to +75
-55 to +100
100
1N4572-1
1N4572A-1
1.0
0.002
10
20
0 to +75
-55 to +100
100
1N4573-1
1N4573A-1
1.0
0.001
5
10
0 to +75
-55 to +100
100
1N4574-1
1N4574A-1
1.0
0.0005
2.5
5.0
0 to +75
-55 to +100
100
1N4575-1
1N4575A-1
2.0
0.01
48
100
0 to +75
-55 to +100
50
1N4576-1
1N4576A-1
2.0
0.005
24
50
0 to +75
-55 to +100
50
Features
 Available in JAN, JANTX, JANTXV and JANS per
MIL-PRF-19500/452
 6.4 V Nominal Zener Voltage ±5%
 500 mW Power Handling
 Axial-leaded Glass DO-35 Style Package
 Also Available in a Hermetically sealed MELF
DO-213AA package
Electrical Specifications:
IR = 2 µA @ +25°C & VR = 3 Vdc, TA = +25°C (unless otherwise specified)
(Continued next page)


Número de pieza similar - 1N4567-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4567-1 MICROSEMI-1N4567-1 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
1N4567-1-1 MICROSEMI-1N4567-1-1 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
1N4567-1-2 MICROSEMI-1N4567-1-2 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
1N4567-1-3 MICROSEMI-1N4567-1-3 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
More results

Descripción similar - 1N4567-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
095 ETC2-095 Datasheet
158Kb / 2P
   Temperature compensated
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
   Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
   Temperature compensated
logo
Vectron International, ...
6755 VECTRON-6755 Datasheet
457Kb / 4P
   TEMPERATURE COMPENSATED
logo
TE Connectivity Ltd
154NCV TEC-154NCV Datasheet
144Kb / 5P
   Temperature Compensated
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
Teledyne Technologies I...
CMT-18-6007 TELEDYNE-CMT-18-6007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier
logo
Vectron International, ...
6661 VECTRON-6661 Datasheet
529Kb / 5P
   Temperature Compensated Crystal
logo
Teledyne Technologies I...
CMT-8-2003 TELEDYNE-CMT-8-2003 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier
logo
ECS, Inc.
VC-TX0-30SM ECS-VC-TX0-30SM Datasheet
209Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com