Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5804 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 1N5804
Descripción Electrónicos  Rectifier Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5804 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  1N5804 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5804 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5804 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N5804 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rectifier Diode Series
Ultrafast Recovery
Rev. V2
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
1N5802(US), 1N5804(US), 1N5806(US)
Outline Drawings7,8,9
Dimensions
Inches
Millimeters
Min.
Max.
Min.
Max.
BD10
0.065
0.085
1.65
2.16
BL11
0.125
0.250
3.18
6.35
LD
0.027
0.032
0.69
0.81
LL
0.700
1.30
17.78
33.02
Inches
Millimeters
Dimensions
Min.
Max.
Min.
Max.
BD
0.091
0.103
2.31
2.62
BL
0.168
0.200
4.27
5.08
ECT
0.019
0.028
0.48
0.71
S12
0.003
0.08
7. Dimensions are in inches. Millimeters are given for general information only.
8. Dimensions are pre-solder dip.
9. In accordance with ASME Y14.5M, diameters are equivalent to Φx symbology.
10.Dimension BD shall be measured at the largest diameter.
11.Dimension BL shall include the entire body including slugs and sections of the lead over which the diameter is uncontrolled. This
uncontrolled area is defined as the zone between the edge of the diode body and extending 0.050 inch (1.27 mm) onto the leads.
12.Minimum clearance of glass body to mounting surface on all orientations.
US Pad Layout
Dimensions
Inches
mm
A
0.246
6.25
B
0.067
1.70
C
0.105
2.67
Note: If mounting requires adhesive separate from
the solder, an additional 0.060 inch diameter contact
may be placed in the center between the pads as an
optional spot for cement.


Número de pieza similar - 1N5804

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5804 MICROSEMI-1N5804 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5804 MICROSEMI-1N5804 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5804 MICROSEMI-1N5804 Datasheet
53Kb / 2P
   ULTRA FAST MILITARY RECTIFIERS
1N5804 MICROSEMI-1N5804 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Semtech Corporation
1N5804 SEMTECH-1N5804 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
More results

Descripción similar - 1N5804

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com