Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5811US Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 1N5811US
Descripción Electrónicos  Popular JEDEC Registered Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N5811US Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N5811US Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N5811US Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N5811US Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N5811US Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rectifier Diode Series
Ultrafast Recovery
Rev. V1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
1N5807(US), 1N5809(US), 1N5811(US)
Absolute Maximum Ratings5,6
Parameter
Absolute Maximum
Average Rectified Forward Current
6 A @ TL = 75°C @ 3/8 inch lead length
Forward Surge Current
125 A @ 8.3 ms 1/2 half-sine
Capacitance
60 pF @ 10 V, 1 MHz
Junction Temperature
-65°C to +175°C
Storage Temperature
-65°C to +175°C
5. Exceeding any one or combination of these limits may cause permanent damage to this device.
6. MACOM does not recommend sustained operation near these survivability limits.
Thermal Characteristics
Parameter
Test Conditions
Units
Thermal Resistance
Junction to lead (L = 0.375 in.)
Junction to end cap
22.0°C/W
6.5°C/W
Thermal Impedance
10 ms heating time
1.5°C/W


Número de pieza similar - 1N5811US

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
1N5811US SENSITRON-1N5811US Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Microsemi Corporation
1N5811US MICROSEMI-1N5811US Datasheet
399Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5811US SEMTECH-1N5811US Datasheet
110Kb / 2P
   Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5811US MICROSEMI-1N5811US Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
EIC discrete Semiconduc...
1N5811US EIC-1N5811US Datasheet
100Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
More results

Descripción similar - 1N5811US

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Power Technolo...
2N7228 ADPOW-2N7228 Datasheet
61Kb / 4P
   JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
2N7227 ADPOW-2N7227 Datasheet
62Kb / 4P
   JEDEC REGISTERED N - CHANNEL HIGH VOLTAGE POWER MOSFETS
logo
Nell Semiconductor Co.,...
150FD NELLSEMI-150FD Datasheet
1Mb / 6P
   Popular series for rough service
logo
Vishay Siliconix
VS-300U VISHAY-VS-300U Datasheet
169Kb / 7P
   Popular series for rough service
Revision: 23-Mar-17
logo
Everlight Electronics C...
EALP05RDEWA9 EVERLIGHT-EALP05RDEWA9 Datasheet
264Kb / 10P
   Popular 5mm package
EALP05RDEWA7 EVERLIGHT-EALP05RDEWA7 Datasheet
735Kb / 11P
   Popular 3mm package
EALP05RDEWA0 EVERLIGHT-EALP05RDEWA0 Datasheet
304Kb / 10P
   Popular 3mm package
logo
P-tec Corporation
PL16-CDR12 P-TEC-PL16-CDR12_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDR21 P-TEC-PL16-CDR21_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDY01 P-TEC-PL16-CDY01_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com