Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5679 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 2N5679
Descripción Electrónicos  PNP Power Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N5679 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N5679 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N5679 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N5679 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N5679 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP Power Silicon Transistor
Rev. V1
2N5679 & 2N5680
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013426
1
Features
 JAN, JANTX, JANTXV, JANS, and JANSR 100K
rads (si) per MIL-PRF-19500/560
 TO-39 (TO-205AD) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 100 mAdc, 2N5679
IC = 100 mAdc, 2N5680
V(BR)CEO Vdc
60
80
Collector - Emitter Cutoff Current
VCE = 40 Vdc, 2N5679
VCE = 60 Vdc, 2N5680
ICEO
µAdc
10
10
Collector - Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc, 2N5679
VCE = 80 Vdc, VBE = 1.5 Vdc, 2N5679
ICEX
nAdc
300
300
Collector - Base Cutoff Current
VCB = 60 Vdc, 2N5679
VCB = 60 Vdc, 2N5680
ICBO
nAdc
100
100
Emitter - Base Cutoff Current
VEB = 7.0 Vdc
IEBO
nAdc
100
On Characteristics1
Forward Current Transfer Ratio
IC = 250 mAdc, VCE = 2.0 Vdc
IC = 500 mAdc, VCE = 2.0 Vdc
IC = 1.0 Adc, VCE = 2.0 Vdc
HFE
-
40
20
5
150
Collector - Emitter Saturation Voltage
IC = 250 mAdc, IB = 25 mAdc
IC = 500 mAdc, IB = 50 mAdc
VCE(SAT) Vdc
0.6
1.0
Emitter - Base Saturation Voltage
IC = 250 mAdc, IB = 25 mAdc
IC = 500 mAdc, IB = 50 mAdc
VBE(SAT) Vdc
1.1
1.3
Dynamic Characteristics
Magnitude of Common Emitter Small-Signal
Short-Circuit Forward Current Transfer Ratio
IC = 0.1 Adc, VCE = 1.5 Vdc, f = 10 MHz
| HFE |
-
3
Small-Signal
Short-Circuit Forward Current Transfer Radio
IC = 0.2 Adc, VCE = 1.5 Vdc, f = 1 kHz
HFE
-
40
Output Capacitance
VCB = 20 Vdc, IE = 0, f = 1 MHz
CIBO
pF
50
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t ≥ 0.5 s
Test 1:
VCE = 2 Vdc, IC = 1 Adc
Test 2:
VCE = 10 Vdc, IC = 1 Adc
Test 3:
VCE = 90 Vdc, IC = 10 mAdc


Número de pieza similar - 2N5679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N5679 SEME-LAB-2N5679 Datasheet
20Kb / 2P
   PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5679 BOCA-2N5679 Datasheet
43Kb / 2P
   PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5679 CENTRAL-2N5679 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5679 ETC-2N5679 Datasheet
347Kb / 8P
   Power Transistors
logo
Microsemi Corporation
2N5679 MICROSEMI-2N5679 Datasheet
56Kb / 2P
   PNP POWER TRANSISTOR SILICON AMPLIFIER
More results

Descripción similar - 2N5679

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com