Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1577 Datasheet(PDF) 2 Page - Rohm

No. de pieza 2SA1577
Descripción Electrónicos  Medium Power Transistor (-32V, -500mA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

2SA1577 Datasheet(HTML) 2 Page - Rohm

  2SA1577_15 Datasheet HTML 1Page - Rohm 2SA1577_15 Datasheet HTML 2Page - Rohm 2SA1577_15 Datasheet HTML 3Page - Rohm 2SA1577_15 Datasheet HTML 4Page - Rohm 2SA1577_15 Datasheet HTML 5Page - Rohm 2SA1577_15 Datasheet HTML 6Page - Rohm 2SA1577_15 Datasheet HTML 7Page - Rohm 2SA1577_15 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA1577
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-40
V
Collector-emitter voltage
VCEO
-32
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-500
mA
Power dissipation
PD*1
200
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = -100μA
-40
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-32
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -100μA
-5
-
-
V
Collector cut-off current
ICBO
VCB = -20V
-
-
-1.0
μA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-1.0
μA
Collector-emitter saturation voltage
VCE(sat) IC = -300mA, IB = -30mA
-
-
-600
mV
DC current gain
hFE
VCE = -3V, IC = -10mA
120
-
390
-
Transition frequency
fT
VCE = -5V, IE = 20mA,
f = 100MHz
-
200
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A,
f = 1MHz
-
7.0
-
pF
hFE values are calssified as follows :
rank
Q
R
-
-
-
hFE
120-270
180-390
-
-
-
*1 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/6
20150730 - Rev.002


Número de pieza similar - 2SA1577_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Descripción similar - 2SA1577_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SA1036K ROHM-2SA1036K_15 Datasheet
1Mb / 8P
   Medium Power Transistor (-32V,-500mA)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
   Medium Power Transistor (32V, 1A)
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
   Medium power transistor (-32V, -2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com