Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SF_BUY92 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza SF_BUY92
Descripción Electrónicos  Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SF_BUY92 Datasheet(HTML) 1 Page - Seme LAB

  SF_BUY92 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUY92
Bipolar PNP Device.
V
CEO =
60V
I
C = 7.5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
7.5
A
h
FE
@ 5/1 (V
CE / IC)
40
80
-
f
t
60M
Hz
P
D
30
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Número de pieza similar - SF_BUY92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SF_BUY18S SEME-LAB-SF_BUY18S Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BUY29 SEME-LAB-SF_BUY29 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
SF_BUY50 SEME-LAB-SF_BUY50 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BUY57 SEME-LAB-SF_BUY57 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
SF_BUY71 SEME-LAB-SF_BUY71 Datasheet
11Kb / 1P
   Bipolar NPN Device
More results

Descripción similar - SF_BUY92

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BC460-4 SEME-LAB-BC460-4 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N5675 SEME-LAB-SF_2N5675 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_CV9507 SEME-LAB-SF_CV9507 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BFT81 SEME-LAB-BFT81 Datasheet
43Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
2N5864 SEME-LAB-2N5864 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package.
BFT44S SEME-LAB-BFT44S Datasheet
18Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
V410A SEME-LAB-V410A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
2N3467 SEME-LAB-2N3467 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
BUY91 SEME-LAB-BUY91 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N1991 SEME-LAB-SF_2N1991 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
SF_2N2904A SEME-LAB-SF_2N2904A Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com