Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MX6SWT-A1-0000-000BE7 Datasheet(PDF) 10 Page - Cree, Inc

No. de pieza MX6SWT-A1-0000-000BE7
Descripción Electrónicos  XLamp MX Family LEDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

MX6SWT-A1-0000-000BE7 Datasheet(HTML) 10 Page - Cree, Inc

Back Button MX6SWT-A1-0000-000BE7 Datasheet HTML 6Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 7Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 8Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 9Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 10Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 11Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 12Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 13Page - Cree, Inc MX6SWT-A1-0000-000BE7 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright © 2010-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com. For warranty
information, please contact Cree Sales at sales@cree.com.
10
XLamp® mX FamiLy LED Binning & LaBELing
* Cree XLamp MX Family LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
** Calculated values for reference purposes only.
stanDarD orDEr CoDEs anD bIns (MX-6 CooL WhItE)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s chromaticity
regions and luminous flux range. For other flux and chromaticity combinations, contact Cree or an authorized distributor.
XLamp MX-6 LED standard order Codes - Cool White
Minimum
Luminous Flux
@ 300 ma*
Calculated
Minimum
Luminous Flux
@ 350 mA**
Chromaticity regions
order Code
CCt
Group
Flux (lm)
Flux (lm)
Cool White (4,300 K – 8,300 K)
Q2
87.4
100
2C,2D,2U,2T,3a,3B,3C,3D,3R,3S,3T,3U,4a,4B,4R,4S
MX6aWT-a1-0000-000aDZ
5000 K
3a,3B,3C,3D
MX6aWT-a1-0000-000ae3
5000 K
3C,3D,4a,4B
MX6aWT-a1-0000-000aF4
4750 K
4a,4B,4C,4D
MX6aWT-a1-0000-000ae4
4500 K
Q3
93.9
107
0a,0B,0C,0D,0R,0S,0T,0U,1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,2U,3a,3B,3R,3S
MX6aWT-a1-0000-000B51
6500 K
1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,3a,3B,3S
MX6aWT-a1-0000-000B53
6000 K
1a,1B,1C,1D,2a,2B,2C,2D
MX6aWT-a1-0000-000B50
6000 K
2C,2D,2U,2T,3a,3B,3C,3D,3R,3S,3T,3U,4a,4B,4R,4S
MX6aWT-a1-0000-000BDZ
5000 K
3a,3B,3C,3D
MX6aWT-a1-0000-000Be3
5000 K
3C,3D,4a,4B
MX6aWT-a1-0000-000BF4
4750 K
4a,4B,4C,4D
MX6aWT-a1-0000-000Be4
4500 K
Q4
100
114
0a,0B,0C,0D,0R,0S,0T,0U,1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,2U,3a,3B,3R,3S
MX6aWT-a1-0000-000C51
6500 K
1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,3a,3B,3S
MX6aWT-a1-0000-000C53
6000 K
1a,1B,1C,1D,2a,2B,2C,2D
MX6aWT-a1-0000-000C50
6000 K
2C,2D,2U,2T,3a,3B,3C,3D,3R,3S,3T,3U,4a,4B,4R,4S
MX6aWT-a1-0000-000CDZ
5000 K
3a,3B,3C,3D
MX6aWT-a1-0000-000Ce3
5000 K
3C,3D,4a,4B
MX6aWT-a1-0000-000CF4
4750 K
4a,4B,4C,4D
MX6aWT-a1-0000-000Ce4
4500 K
Q5
107
122
0a,0B,0C,0D,0R,0S,0T,0U,1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,2U,3a,3B,3R,3S
MX6aWT-a1-0000-000D51
6500 K
1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,3a,3B,3S
MX6aWT-a1-0000-000D53
6000 K
1a,1B,1C,1D,2a,2B,2C,2D
MX6aWT-a1-0000-000D50
6000 K
2C,2D,2U,2T,3a,3B,3C,3D,3R,3S,3T,3U,4a,4B,4R,4S
MX6aWT-a1-0000-000DDZ
5000 K
3a,3B,3C,3D
MX6aWT-a1-0000-000De3
5000 K
3C,3D,4a,4B
MX6aWT-a1-0000-000DF4
4750 K
4a,4B,4C,4D
MX6aWT-a1-0000-000De4
4500 K
R2
114
130
0a,0B,0C,0D,0R,0S,0T,0U,1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,2U,3a,3B,3R,3S
MX6aWT-a1-0000-000e51
6500 K
1a,1B,1C,1D,1R,1S,1T,1U,2a,2B,2C,2D,2R,2S,2T,3a,3B,3S
MX6aWT-a1-0000-000e53
6000 K
1a,1B,1C,1D,2a,2B,2C,2D
MX6aWT-a1-0000-000e50
6000 K


Número de pieza similar - MX6SWT-A1-0000-000BE7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX6SWT-A1-0000-000CE7 CREE-MX6SWT-A1-0000-000CE7 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
MX6SWT-A1-0000-000CE7 CREE-MX6SWT-A1-0000-000CE7 Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX6SWT-A1-0000-000DE7 CREE-MX6SWT-A1-0000-000DE7 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
More results

Descripción similar - MX6SWT-A1-0000-000BE7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX6SWT-A1-0000-000F51 CREE-MX6SWT-A1-0000-000F51 Datasheet
999Kb / 10P
   Cree XLamp MX-6S LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
   Cree® XLamp® XM Family LEDs
2010-2016
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com