Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MX6SWT-A1-0000-000CE6 Datasheet(Hoja de datos) 21 Page - Cree, Inc

No. de Pieza. MX6SWT-A1-0000-000CE6
Descripción  XLamp MX Family LEDs
Descarga  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo 

 
 21 page
background image
Copyright © 2010-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com. For warranty
information, please contact Cree Sales at sales@cree.com.
21
XLamp® mX FamiLy LED Binning & LaBELing
* Cree XLamp MX Family LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
stanDarD orDEr CoDEs anD bIns (MX-6s 80-CrI MInIMuM, WhItE)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s chromaticity
regions and luminous flux range. For other flux and chromaticity combinations, contact Cree or an authorized distributor.
XLamp MX-6s LED standard order Codes - 80-CrI Minimum, White
Minimum Luminous
Flux @ 60 mA*
Chromaticity regions
order Code
CCt
Group
Flux (lm)
Warm White (2600 K – 4300 K)
p3
73.9
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-H1-0000-0008F8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-H1-0000-0008e8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-H1-0000-0008Z8
2700 K
p4
80.6
5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4,6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4
MX6SWT-H1-0000-0009F6
3700 K
6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4,6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4
MX6SWT-H1-0000-0009e6
3500 K
6a3, 6B4, 6C1, 6D2
MX6SWT-H1-0000-0009Z6
3500 K
6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4,7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4
MX6SWT-H1-0000-0009F7
3200 K
7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4,7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4
MX6SWT-H1-0000-0009e7
3000 K
7a3, 7B4, 7C1, 7D2
MX6SWT-H1-0000-0009Z7
3000 K
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-H1-0000-0009F8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-H1-0000-0009e8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-H1-0000-0009Z8
2700 K
Q2
87.4
4C,4D,5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4
MX6SWT-H1-0000-000aF5
4200 K
5a1,5a2,5a3,5a4,5B1,5B2,5B3,5B4,5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4
MX6SWT-H1-0000-000ae5
4000 K
5a3, 5B4, 5C1, 5D2
MX6aWT-H1-0000-000aZ5
4000 K
5C1,5C2,5C3,5C4,5D1,5D2,5D3,5D4,6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4
MX6SWT-H1-0000-000aF6
3700 K
6a1,6a2,6a3,6a4,6B1,6B2,6B3,6B4,6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4
MX6SWT-H1-0000-000ae6
3500 K
6a3, 6B4, 6C1, 6D2
MX6SWT-H1-0000-000aZ6
3500 K
6C1,6C2,6C3,6C4,6D1,6D2,6D3,6D4,7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4
MX6SWT-H1-0000-000aF7
3200 K
7a1,7a2,7a3,7a4,7B1,7B2,7B3,7B4,7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4
MX6SWT-H1-0000-000ae7
3000 K
7a3, 7B4, 7C1, 7D2
MX6SWT-H1-0000-000aZ7
3000 K
7C1,7C2,7C3,7C4,7D1,7D2,7D3,7D4,8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4
MX6SWT-H1-0000-000aF8
2900 K
8a1,8a2,8a3,8a4,8B1,8B2,8B3,8B4,8C1,8C2,8C3,8C4,8D1,8D2,8D3,8D4
MX6SWT-H1-0000-000ae8
2700 K
8a3, 8B4, 8C1, 8D2
MX6SWT-H1-0000-000aZ8
2700 K




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl