Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2221A Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No. de pieza 2N2221A
Descripción Electrónicos  Radiation Hardened NPN Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N2221A Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N2221A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N2221A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N2221A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N2221A Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N2221A Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 2N2221A Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Radiation Hardened NPN Silicon Switching Transistors
Rev. V1
2N2221A, L, UA, UB &
2N2222A, L, UA, UB
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications @ TA = 25°C
Parameter
Test Conditions
Symbol Units Minimum Maximum
Dynamic Characteristics:
Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1 mAdc, VCE = 10 Vdc, f = 1 kHz
2N2221A, L, UA, UB
2N2222A, L, UA, UB
hfe
30
50
Magnitude of Small-Signal Short-Circuit,
Forward Current Transfer Ratio
IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz
| hfe |
2.5
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz
VCB = 0.5 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz
COBO
C1BO
pF
8
25
Switching Characteristics:
Turn-On Time
(See figure 17 of MIL-PRF-19500/255)
TON
ns
35
Turn-Off Time
(See Figure 18 of MIL-PRF-19500/255)
TOFF
ns
300
Absolute Maximum Ratings @ TC = 25°C
Parameter
Absolute Maximum
Collector - Emitter Voltage (VCEO)
50 Vdc
Collector - Base Voltage (VCBO)
75 Vdc
Emitter - Base Voltage (VEBO)
6.0 Vdc
Collector Current (IC)
800 mAdc
Total Power Dissipation (PT) TA = +25ºC
0.5 W
Thermal Resistance (RΘJC) Junction to Ambient
325 ºC/W
Operating Temperature
-65°C to +200°C
Storage Temperature
-65°C to +200°C


Número de pieza similar - 2N2221A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
2N2221A SIEMENS-2N2221A Datasheet
116Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Comset Semiconductor
2N2221A COMSET-2N2221A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Fairchild Semiconductor
2N2221A FAIRCHILD-2N2221A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Descripción similar - 2N2221A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com