Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74HCXXXXN Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza MC74HCXXXXN
Descripción Electrónicos  High?밣erformance Silicon?밎ate CMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXXN Datasheet(HTML) 5 Page - Motorola, Inc

  MC74HCXXXXN Datasheet HTML 1Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 2Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 3Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 4Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 5Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 6Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 7Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 8Page - Motorola, Inc MC74HCXXXXN Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC54/74HC4351 MC54/74HC4353
High–Speed CMOS Logic Data
DL129 — Rev 6
5
MOTOROLA
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, Channel–Select to Latch Enable
(Figure 12)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Latch Enable to Channel Select
(Figure 12)
2.0
4.5
6.0
0
0
0
0
0
0
0
0
0
ns
tw
Minimum Pulse Width, Latch Enable
(Figure 12)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall Times, Channel–Select, Latch Enable,
and Enables 1 and 2
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0.0 V)
Symbol
Parameter
Test Condition
VCC
V
VEE
V
Limit*
Unit
Symbol
Parameter
Test Condition
VCC
V
VEE
V
25
_C
54/74HC
Unit
BW
Maximum On–Channel Bandwidth or
Minimum Frequency Response
(Figure 6)
fin = 1 MHz Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequency Until dB Meter
Reads – 3 dB
RL = 50 Ω, CL = 10 pF
51
52
53
MHz
Minimum Frequency Response
(Figure 6)
Adjust fin Voltage to Obtain 0 dBm at VOS
Increase fin Frequency Until dB Meter
Reads – 3 dB
RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
80
95
120
80
95
120
80
95
120
Off–Channel Feedthrough Isolation
(Figure 7)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 50
– 50
– 50
dB
fin = 1.0 MHz, RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 40
– 40
– 40
Feedthrough Noise, Channel Select
Input to Common O/I
(Figure 8)
Vin v 1 MHz Square Wave
(tr = tf = 6 ns)
Adjust RL at Setup so that IS = 0 A
Enable = GND
RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
25
105
135
mVPP
RL = 10 kΩ, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
35
145
190
Crosstalk Between Any Two Switches
(Figure 13)
(Test does not apply to HC4351)
fin  Sine Wave
Adjust fin Voltage to Obtain 0 dBm at VIS
fin = 10 kHz, RL = 600 Ω, CL = 50 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 50
– 50
– 50
dB
fin = 1 MHz, RL = 50 Ω, CL = 10 pF
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
– 60
– 60
– 60
THD
Total Harmonic Distortion
(Figure 15)
fin = 1 kHz, RL = 10 kΩ, CL = 50 pF
THD = THDMeasured – THDSource
VIS = 4.0 VPP sine wave
VIS = 8.0 VPP sine wave
VIS = 11.0 VPP sine wave
2.25
4.50
6.00
– 2.25
– 4.50
– 6.00
0.10
0.08
0.05
%
* Limits not tested. Determined by design and verified by qualification.


Número de pieza similar - MC74HCXXXXN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCXXXXN ONSEMI-MC74HCXXXXN Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXXN MOTOROLA-MC74HCXXXXN Datasheet
155Kb / 5P
   High?밣erformance Silicon?밎ate CMOS
More results

Descripción similar - MC74HCXXXXN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com