Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115 Datasheet(PDF) 92 Page - ATMEL Corporation

No. de pieza T89C5115
Descripción Electrónicos  Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button T89C5115 Datasheet HTML 88Page - ATMEL Corporation T89C5115 Datasheet HTML 89Page - ATMEL Corporation T89C5115 Datasheet HTML 90Page - ATMEL Corporation T89C5115 Datasheet HTML 91Page - ATMEL Corporation T89C5115 Datasheet HTML 92Page - ATMEL Corporation T89C5115 Datasheet HTML 93Page - ATMEL Corporation T89C5115 Datasheet HTML 94Page - ATMEL Corporation T89C5115 Datasheet HTML 95Page - ATMEL Corporation T89C5115 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
92
T89C5115
4128A–8051–04/02
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters for Standard Voltage
TA =-40
°Cto +85°C; V
SS =0V;
VCC =5V ± 10%; F = 0 to 40 MHz
Notes:
1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL = 5 ns (see Figure 44.), VIL =
VSS +0.5V, VIH =VCC - 0.5V; XTAL2 N.C.; RST = VCC.ICC would be slightly higher if a crystal oscillator used (see Figure 41.).
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL =5ns, VIL =VSS +0.5V, VIH =VCC -
0.5V; XTAL2 N.C; Port 0 = V
CC; RST=VSS (see Figure 42.).
3. Power-down ICC is measured with all output pins disconnected; XTAL2 NC.; RST = VSS (see Figure 43.). In addition, the
WDT must be inactive and the POF flag must be set.
4. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature.
Ambiant Temperature Under Bias:
I = industrial ....................................................... -40
°Cto 85°C
Storage Temperature ................................... -65
°Cto+ 150°C
VoltageonVCC from VSS......................................-0.5V to + 6V
VoltageonAny Pin from V
SS .................... -0.5V to VCC +0.2 V
Power Dissipation ............................................................. 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
The power dissipation is based on the maximum
allowable die temperature and the thermal resistance
of the package.
Table 68. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 Vcc - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC +0.9
V
CC +0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC +0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3 and 4(6)
0.3
0.45
1.0
V
V
V
I
OL =100 µA
I
OL =1.6 mA
I
OL =3.5 mA
V
OH
Output High Voltage, ports 1, 2, 3, 4
V
CC -0.3
V
CC -0.7
V
CC -1.5
V
V
V
I
OH =-10 µA
I
OH =-30 µA
I
OH =-60 µA
V
CC =5V ± 10%
R
RST
RST Pulldown Resistor
50
90
200
k
I
IL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
µAVin = 0.45V
I
LI
Input Leakage Current
±10
µA0.45V < Vin < V
CC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
µAVin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA =25
°C
IPD
Power-down Current
160
350
µA4.5V < V
CC <5.5V
(3)
ICC
Power Supply Current
ICCOP =0.7 Freq (MHz) + 3mA
ICCIDLE =0.6 Freq (MHz) + 2mA
Vcc = SS
(1) (2)


Número de pieza similar - T89C5115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
STMicroelectronics
ST7LUS5 STMICROELECTRONICS-ST7LUS5 Datasheet
1Mb / 124P
   8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com