Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115 Datasheet(PDF) 30 Page - ATMEL Corporation

No. de pieza T89C5115
Descripción Electrónicos  Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button T89C5115 Datasheet HTML 26Page - ATMEL Corporation T89C5115 Datasheet HTML 27Page - ATMEL Corporation T89C5115 Datasheet HTML 28Page - ATMEL Corporation T89C5115 Datasheet HTML 29Page - ATMEL Corporation T89C5115 Datasheet HTML 30Page - ATMEL Corporation T89C5115 Datasheet HTML 31Page - ATMEL Corporation T89C5115 Datasheet HTML 32Page - ATMEL Corporation T89C5115 Datasheet HTML 33Page - ATMEL Corporation T89C5115 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
30
T89C5115
4128A–8051–04/02
FM0 Memory Architecture
The Flash memory is made up of 4 blocks (see Figure 11):
1.
The memory array (user space) 16-KB.
2.
The Extra Row.
3.
The Hardware security bits.
4.
The column latch registers.
User Space
This space is composed of a 16-KB Flash memory organized in 128 pages of 128 bytes.
It contains the user’s application code.
Extra Row (XROW)
This row is a part of FM0 and has a size of 128 bytes. The extra row may contain infor-
mation for boot loader usage.
Hardware security Byte
The Hardware Security Byte space is a part of FM0 and has a size of 1 byte.
The 4 MSB can be read/written by software, the 4 LSB can only be read by software and
written by hardware in parallel mode.
Column Latches
The column latches, also part of FM0, have a size of full page (128 bytes).
The column latches are the entrance buffers of the three previous memory locations
(user array, XROW and Hardware security byte).
Cross Flash Memory Access
Description
The FM0 memory can be program only from FM1. Programming FM0 from FM0 or from
external memory is impossible.
The FM1 memory can be program only by parallel programming.
The Table 19 show all software flash access allowed.
Table 19. Cross Flash Memory Access
Action
FM0
(user Flash)
FM1
(boot Flash)
FM0
(user Flash)
Read
ok
-
Load column latch
ok
-
Write
-
-
FM1
(boot flash)
Read
ok
ok
Load column latch
ok
-
Write
ok
-


Número de pieza similar - T89C5115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-RATIM ATMEL-T89C5115-RATIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-SISIM ATMEL-T89C5115-SISIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
STMicroelectronics
ST7LUS5 STMICROELECTRONICS-ST7LUS5 Datasheet
1Mb / 124P
   8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com