Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T89C5115-TISIM Datasheet(PDF) 76 Page - ATMEL Corporation

No. de pieza T89C5115-TISIM
Descripción Electrónicos  Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-TISIM Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button T89C5115-TISIM Datasheet HTML 72Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 73Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 74Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 75Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 76Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 77Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 78Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 79Page - ATMEL Corporation T89C5115-TISIM Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 105 page
background image
76
T89C5115
4128A–8051–04/02
Table 51. CCAPMn Registers
CCAPM0 (S:DAh)
CCAPM1 (S:DBh)
PCA Compare/Capture Module n Mode registers (n=0..1)
Reset Value = X000 0000b
76
54
32
1
0
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The Value read from this bit is indeterminate. Do not set this bit.
6ECOMn
Enable Compare Mode Module x bit
Clear to disable the Compare function.
Set to enable the Compare function.
The Compare function is used to implement the software Timer, the high-speed
output, the Pulse Width Modulator (PWM) and the WatchDog Timer (WDT).
5
CAPPn
Capture Mode (Positive) Module x bit
Clear to disable the Capture function triggered by a positive edge on CEXx pin.
Set to enable the Capture function triggered by a positive edge on CEXx pin
4CAPNn
Capture Mode (Negative) Module x bit
Clear to disable the Capture function triggered by a negative edge on CEXx pin.
Set to enable the Capture function triggered by a negative edge on CEXx pin.
3MATn
Match Module x bit
Set when a match of the PCA Counter with the Compare/Capture register sets
CCFx bit in CCON register, flagging an interrupt.
2TOGn
Toggle Module x bit
The toggle mode is configured by setting ECOMx, MATx and TOGx bits.
Set when a match of the PCA Counter with the Compare/Capture register
toggles the CEXx pin.
1PWMn
Pulse Width Modulation Module x Mode bit
Set to configure the module x as an 8-bit Pulse Width Modulator with output
waveform on CEXx pin.
0
ECCFn
Enable CCFx Interrupt bit
Clear to disable CCFx bit in CCON register to generate an interrupt request.
Set to enable CCFx bit in CCON register to generate an interrupt request.


Número de pieza similar - T89C5115-TISIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115-TISIM ATMEL-T89C5115-TISIM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115-TISIM ATMEL-T89C5115-TISIM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Descripción similar - T89C5115-TISIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_08 Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
T89C5115 ATMEL-T89C5115_06 Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83EB5114 ATMEL-AT83EB5114_08 Datasheet
949Kb / 95P
   Low-pin-count 8-bit microcontroller with A/D converter
AT83C5111 ATMEL-AT83C5111 Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Holtek Semiconductor In...
HT85F2230 HOLTEK-HT85F2230 Datasheet
3Mb / 147P
   A/D Flash 8051 Core Low Pin Count MCU
HT85F2250 HOLTEK-HT85F2250 Datasheet
3Mb / 187P
   A/D Flash 8051 Core Low Pin Count MCU
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
logo
STMicroelectronics
ST7LUS5 STMICROELECTRONICS-ST7LUS5 Datasheet
1Mb / 124P
   8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com