Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13030DW Datasheet(PDF) 9 Page - Motorola, Inc

No. de pieza MC13030DW
Descripción Electrónicos  DUAL CONVERSION AM RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13030DW Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC13030DW Datasheet HTML 5Page - Motorola, Inc MC13030DW Datasheet HTML 6Page - Motorola, Inc MC13030DW Datasheet HTML 7Page - Motorola, Inc MC13030DW Datasheet HTML 8Page - Motorola, Inc MC13030DW Datasheet HTML 9Page - Motorola, Inc MC13030DW Datasheet HTML 10Page - Motorola, Inc MC13030DW Datasheet HTML 11Page - Motorola, Inc MC13030DW Datasheet HTML 12Page - Motorola, Inc MC13030DW Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC13030
9
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
Pin No.
Description
Internal Equivalent Circuit
26
VCC
Vref
26
75
VCO Reference
The first oscillator coil is connected from Pin 26 to 27. Pin 26 must be
bypassed to ground with a capacitor which has a low impedance at the
oscillator frequency. This capacitor also will reduce the phase noise of
the VCO.
27
7.5 k
27
to Mixer1
VCO
The VCO is a negative resistance type and has an internal level control
circuit so a tapped coil or one with a secondary is not needed. The level
is fixed at 0.8 Vpp so the oscillator signal does not modulate the tuning
diode, thus keeping the distortion low. The oscillator stray capacitance is
≈ 12 pF and the tuned circuit impedance should be greater than 3.0 k to
guarantee oscillation. Oscillator range is up to 45 MHz so it can be used
for SW receivers.
28
100
28
VCO Out
The output level is 240 mVrms (108 dB
µ), high enough to drive any
CMOS synthesizer.
AM CAR RADIO DESIGN NOTES
The MC13030 AM Radio IC is intended for dual
conversion AM radios. In most cases, the 1st IF frequency
(FIF1) is upconverted above the highest input frequency. The
first oscillator (VCO) is tuned by a synthesizer and operates
at Fin + FIF1. For the 530 to 1700 kHz AM band with a
10.7 MHz first IF, the VCO goes from 11.23 to 12.40 MHz.
Therefore, Fmax/Fmin for VCO is only 1.104, so one low–cost
tuning diode can be used. Since the required tuning voltage
range can be made less than 5.0 V, it may also be possible to
drive the tuning diode directly or from the phase detector of
the synthesizer IC, such as the Motorola MC145170,
operating from 5.0 V, without using a buffer amplifier or
transistor.
If the VCO is above the incoming frequency, the image
frequency of the first mixer is at fOSC + FIF1. For the AM
broadcast receiver, it is around 22 MHz, so a simple LPF
can be used between the RF stage and Mixer1 input.
However, if a LPF is used, an additional coil is still needed
to supply the collector voltage of the RF amplifier. For this
reason, a BPF filter was used in the application circuit
instead, since it uses the same number of coils and gives
better performance. It is simply a lowpass to bandpass
conversion. The lowpass filter is designed to have a cutoff
frequency equal to the desired bandwidth. In this case, it
would be 1700 – 530 kHz = 1170 kHz. Then, it is
transformed to be resonant at 949 kHz, the geometric
mean of the end frequencies:
1700 x 530 = 949 kHz.
p
A balanced–to–unbalanced transformer is required at the
output of both mixers. The first one is designed so that Mixer1
has enough gain to overcome the loss of the 10.7 MHz filter
and so that the output of the mixer will not overload before the
input. The primary impedance of the transformer is relatively
low, and it may be difficult to control with commonly available
7.0 mm transformers because the number of primary turns is
quite small. It would also require a large tuning capacitance.
A better solution is to tune the secondary with a small
capacitance and then use a capacitive divider to match the
tuned circuit to the filter. This allows one transformer to be
used for either a ceramic or crystal filter. The capacitors can
be adjusted to match the filter. The recommended coil is
made this way.
If the formula: Pin = IP3 – DR/2 is used, the maximum input
level to the mixer can be calculated for a desired dynamic
range.
IP3 = 3rd order intercept level in dB (dBm or dB
µ)
DR = dynamic range in dB between the desired signals
and 3rd order intermodulation products
Pin = input level in dBm or dBµ
The RF AGC level can then be adjusted so that Pin does
not exceed this level.
Whether or not a narrow bandwidth crystal or wide
bandwidth ceramic filter is used between the first and second
mixers depends on the receiver requirements. It is possible to
achieve about 50 dB adjacent channel and IM rejection with
a ceramic filter because of the wide dynamic range of the
mixers. If more than this is required, a crystal filter should be
used. If a crystal filter is used, a lower cost CFU type of
455 kHz second IF filter can be used. If a ceramic filter is
used, a CFW type filter should be used because there is no
RF section selectivity in this type of radio.
Since the wideband AGC system is quite sensitive, it can
be set to eliminate all spurious responses present at the
receiver output. However, the RF AGC will sometimes
eliminate or reduce the level of desired signals if there is a
strong signal somewhere in the bandpass of the RF circuit.
The second mixer is designed like the first and requires a
balanced output. Since its load impedance is higher, the
transformer can be designed to be tuned on the primary or


Número de pieza similar - MC13030DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

Descripción similar - MC13030DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
3848 ALLEGRO-3848 Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
logo
Siemens Semiconductor G...
TDA4360X SIEMENS-TDA4360X Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com