Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13060 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC13060
Descripción Electrónicos  MINI?밯ATT AUDIO OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13060 Datasheet(HTML) 3 Page - Motorola, Inc

  MC13060 Datasheet HTML 1Page - Motorola, Inc MC13060 Datasheet HTML 2Page - Motorola, Inc MC13060 Datasheet HTML 3Page - Motorola, Inc MC13060 Datasheet HTML 4Page - Motorola, Inc MC13060 Datasheet HTML 5Page - Motorola, Inc MC13060 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC13060
3
MOTOROLA ANALOG IC DEVICE DATA
16 V
32
Ω Load
VCC = 32 V
28 V
1 %
THD
24 V
20 V
400 Hz
Signal
16 V/16
24 V/32
24 V/16
32 V/32
All Curves Taken in the Test Circuit of Figure 3, Unless Otherwise Noted.
Figure 4. Quiescent Supply Current and
Output Voltage versus Supply Voltage
Figure 5. Supply Current versus Output
Figure 6. Distortion and Gain versus Frequency
Figure 7. Distortion versus Power Output
Figure 8. Dissipation versus Output Power
Figure 9. Dissipation versus Output Power
VCC, SUPPLY VOLTAGE (Vdc)
0
1020
3040
SINE WAVE OUTPUT VOLTAGE (Vrms)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
PO, POWER OUTPUT (W)
1.0
2.0
0
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
PO, POWER OUTPUT (W)
1.0
2.0
PO, POWER OUTPUT (W)
0.1
1.0
2.0
10
12
10
20
18
16
14
8.0
6.0
4.0
2.0
0
200
180
160
140
120
100
80
60
40
20
0
0
2.0
1.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.0
1.0
0
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.8
4.0
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
3.0
Signal = 0
ICC
VO (DC)
RL = 16 Ω
VCC = 24 V
RL = 32 Ω
VCC = 32 V
RL = ∞, VCC = 32 V
VCC = 16 V, RL = 16 Ω, 0.5 W
Gain
THD
16
Ω Load
VCC = 24 V
1% THD
20 V
16 V


Número de pieza similar - MC13060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DENSEI-LAMBDA
MC1306 LAMBDA-MC1306 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
   FM RECEIVER FRONT END
logo
DENSEI-LAMBDA
MC1306DIN LAMBDA-MC1306DIN Datasheet
1Mb / 4P
   MC13-SERIES
More results

Descripción similar - MC13060

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
   Mini Audio Transformers
logo
List of Unclassifed Man...
LL1517 ETC1-LL1517 Datasheet
23Kb / 1P
   Audio Output Transformer
logo
STMicroelectronics
BC139 STMICROELECTRONICS-BC139 Datasheet
116Kb / 3P
   AUDIO OUTPUT AMPLIFIER
logo
Dubilier
DBCMD05108 DUBILIER-DBCMD05108 Datasheet
243Kb / 1P
   AUDIO PCB MINI DIN SOCKETS
logo
Unisonic Technologies
M28S UTC-M28S_11 Datasheet
109Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
M28S UTC-M28S_15 Datasheet
131Kb / 3P
   AUDIO OUTPUT DRIVER AMPLIFIER
M28S UTC-M28S Datasheet
86Kb / 2P
   AUDIO OUTPUT DRIVER AMPLIFIER
logo
Dubilier
DBCMD0508-4 DUBILIER-DBCMD0508-4 Datasheet
446Kb / 1P
   AUDIO PCB MINI JACK DIN SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4_11 Datasheet
779Kb / 3P
   AUDIO PCB MINI JACK DIN SOCKETS
logo
New Japan Radio
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com