Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7029QDCURQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS7029QDCURQ1
Descripción Electrónicos  Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7029QDCURQ1 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7029QDCURQ1 Datasheet HTML 1Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 2Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 3Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 4Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 5Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 6Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 7Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 8Page - Texas Instruments ADS7029QDCURQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
ADS7029-Q1
www.ti.com
SBAS811 – JANUARY 2017
Product Folder Links: ADS7029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise specified.
(4)
Calculated on the first nine harmonics of the input frequency.
(5)
Digital voltage levels comply with the JESD8-7A standard for DVDD from 1.65 V to 1.95 V; see the Digital Voltage Levels section for
more details.
6.5 Electrical Characteristics
at TA = –40°C to 125°C, AVDD = 3 V, DVDD = 1.65 V to 3.6 V, fSAMPLE = 2 MSPS, and VAINM = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
AVDD
V
Absolute input
voltage range
AINP to GND
–0.1
AVDD + 0.1
V
AINM to GND
–0.1
0.1
CS
Sampling capacitance
15
pF
SYSTEM PERFORMANCE
Resolution
8
Bits
NMC
No missing codes
8
Bits
INL
Integral nonlinearity
AVDD = 3 V
–0.5
±0.25
0.5
LSB(2)
DNL
Differential nonlinearity
AVDD = 3 V
–0.4
±0.2
0.4
LSB
EO
Offset error
±0.5
LSB
dVOS/dT
Offset error drift with temperature
±25
ppm/°C
EG
Gain error
AVDD = 3 V
±0.2
%FS
Gain error drift with temperature
No calibration
±25
ppm/°C
SAMPLING DYNAMICS
tACQ
Acquisition time
120
ns
Maximum throughput rate
32-MHz SCLK, AVDD = 2.35 V to 3.6 V
2
MHz
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(3)
fIN = 2 kHz, AVDD = 3 V
48.5
49
dB
THD
Total harmonic distortion(3)(4)
fIN = 2 kHz, AVDD = 3 V
–70
dB
SINAD
Signal-to-noise and distortion(3)
fIN = 2 kHz, AVDD = 3 V
48.5
49
dB
SFDR
Spurious-free dynamic range(3)
fIN = 2 kHz, AVDD = 3 V
75
dB
BW(fp)
Full-power bandwidth
At –3 dB, AVDD = 3 V
25
MHz
DIGITAL INPUT/OUTPUT (CMOS Logic Family)
VIH
High-level input voltage(5)
0.65 × DVDD
DVDD + 0.3
V
VIL
Low-level input voltage(5)
–0.3
0.35 × DVDD
V
VOH
High-level output voltage(5)
At Isource = 500 µA
0.8 × DVDD
DVDD
V
At Isource = 2 mA
DVDD – 0.45
DVDD
VOL
Low-level output voltage(5)
At Isink = 500 µA
0
0.2 × DVDD
V
At Isink = 2 mA
0
0.45
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply voltage
2.35
3
3.6
V
DVDD
Digital I/O supply voltage
1.65
3
3.6
V
IAVDD
Analog supply current
At 2 MSPS with AVDD = 3 V
335
370
µA
IDVDD
Digital supply current
AVDD = 3 V, no load, no transitions
10
µA
PD
Power dissipation
At 2 MSPS with AVDD = 3 V
1.005
1.11
mW


Número de pieza similar - ADS7029QDCURQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7028 TI1-ADS7028 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028 TI1-ADS7028 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028IRTER TI1-ADS7028IRTER Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7028IRTET TI1-ADS7028IRTET Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results

Descripción similar - ADS7029QDCURQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com