Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2660 Datasheet(PDF) 1 Page - Texas Instruments |
|
TPS2660 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 49 page 0 V 0 V -60 V I_IN COUT CdVdT R2 150 PŸ IN OUT UVLO dVdT RTN TPS26600 ILIM OVP IMON RIMON VIN: 4.2V-55V VOUT RILIM FLT GND SHDN MODE R1 R3 RFLTb CIN Copyright © 2016, Texas Instruments Incorporated Health Monitor ON/OFF Control Load Monitor Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TPS2660 SLVSDG2A – JULY 2016 – REVISED AUGUST 2016 TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection 1 1 Features 1 • 4.2 V to 55 V Operating Voltage, 60-V ABSmax • Integrated Reverse Input Polarity Protection down to –60 V – Zero Additional Components Required • Integrated Back to Back MOSFETs with 150-mΩ total RON • 0.1 A to 2.23 A Adjustable current limit (±5% accuracy at 1 A) • Load protection during Surge (IEC 61000-4-5) with minimum external components • IMON Current Indicator Output (±8.5% accuracy) • Low Quiescent Current, 300 µA in Operating, 20 µA in Shutdown • Adjustable UVLO, OVP Cut Off, Output Slew Rate Control • Reverse Current Blocking • Fixed 38-V Over Voltage Clamp (TPS26602 only) • Available in Easy-to-Use 16-Pin HTSSOP and 24- Pin VQFN Packages • Selectable Current-Limiting Fault Response Options (Auto-Retry, Latch Off, Circuit Breaker Modes) • UL 2367 Recognition Pending 2 Applications • Programmable Logic Controller • Distributed Control System (DCS) • Control and Automation • Redundant Supply ORing • Industrial Surge Protection 3 Description The TPS2660x devices are compact, feature rich high voltage eFuses with a full suite of protection features. The wide supply input range of 4.2 to 55 V allows control of many popular DC bus voltages. The device can withstand and protect the loads from positive and negative supply voltages up to ± 60 V. Integrated back to back FETs provide reverse current blocking feature making the device suitable for systems with output voltage holdup requirements during power fail and brownout conditions. Load, source and device protection are provided with many adjustable features including overcurrent, output slew rate and overvoltage, undervoltage thresholds. The internal robust protection control blocks along with the high voltage rating of the TPS2660x helps to simplify the system designs for Surge protection. A shutdown pin provides external control for enabling and disabling the internal FETs as well as placing the device in a low current shutdown mode. For system status monitoring and downstream load control, the device provides fault and precise current monitor output. The MODE pin allows flexibility to configure the device between the three current-limiting fault responses (circuit breaker, latch off, and Auto-retry modes). The devices are available in a 5-mm × 4.4-mm 16-pin HTSSOP as well as 5-mm x 4-mm 24-pin VQFN package and are specified over a –40°C to +125°C temperature range. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) TPS26600 TPS26602 HTSSOP (16) 5.00 mm × 4.40 mm TPS26600 TPS26601 TPS26602 VQFN (24)(2) 5.00 mm × 4.00 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. (2) Preview Simplified Schematic Reverse Input Polarity Protection at –60-V Supply |
Número de pieza similar - TPS2660_17 |
|
Descripción similar - TPS2660_17 |