Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2660 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS2660
Descripción Electrónicos  60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2660 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2660_17 Datasheet HTML 7Page - Texas Instruments TPS2660_17 Datasheet HTML 8Page - Texas Instruments TPS2660_17 Datasheet HTML 9Page - Texas Instruments TPS2660_17 Datasheet HTML 10Page - Texas Instruments TPS2660_17 Datasheet HTML 11Page - Texas Instruments TPS2660_17 Datasheet HTML 12Page - Texas Instruments TPS2660_17 Datasheet HTML 13Page - Texas Instruments TPS2660_17 Datasheet HTML 14Page - Texas Instruments TPS2660_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
77.6
77.8
78
78.2
78.4
78.6
78.8
79
79.2
79.4
79.6
79.8
D020
GAIN(IMON) (PA/A)
Output Current (A)
0.01 0.02
0.05
0.1
0.2 0.3 0.5
1
2
3 4 5 67 10
1
2
3
5
7
10
20
30
50
70
100
200
D025
TA = -40qC
TA = 25qC
TA = 85qC
TA = 125qC
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.64
0.66
0.68
0.7
0.72
0.74
0.76
0.78
0.8
0.82
D019
V(SHUTF) (V)
Temperature (qC)
-50
0
50
100
150
0
2
4
6
8
10
12
14
16
18
20
D018
tSD(dly)
Reverse Supply Voltage (V)
-60
-50
-40
-30
-20
-10
0
-25
-20
-15
-10
-5
0
D016
TA = 125qC
TA = 85qC
TA = 25qC
TA = -40qC
Temperature (qC)
-50
0
50
100
150
0
1
2
3
4
5
6
7
8
9
10
D017
OVP Disable Delay (Ps)
11
TPS2660
www.ti.com
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = 24 V, V(SHDN)= 2 V, R(ILIM) = 120 kΩ, IMON = FLT = OPEN, C(OUT) = 1 μF, C(dVdT) = OPEN.
(Unless stated otherwise)
V(OUT) = 0 V
Figure 13. Output Current vs Reverse Supply Voltage, – V(IN)
Figure 14. OVP Disable Delay vs Temperature
Figure 15. SHUTDOWN Entry Delay vs Temperature
Figure 16. Shutdown Threshold Voltage Shutdown vs
Temperature
Figure 17. Current Monitor Output vs Output Current
Figure 18. GAIN(IMON) vs Temperature


Número de pieza similar - TPS2660_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS26600 TI1-TPS26600 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPR TI1-TPS26600PWPR Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPT TI1-TPS26600PWPT Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26601 TI1-TPS26601 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26602 TI1-TPS26602 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Descripción similar - TPS2660_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com