Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2301IPAGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2301IPAGR
Descripción Electrónicos  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2301IPAGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSC2301IPAGR Datasheet HTML 4Page - Texas Instruments TSC2301IPAGR Datasheet HTML 5Page - Texas Instruments TSC2301IPAGR Datasheet HTML 6Page - Texas Instruments TSC2301IPAGR Datasheet HTML 7Page - Texas Instruments TSC2301IPAGR Datasheet HTML 8Page - Texas Instruments TSC2301IPAGR Datasheet HTML 9Page - Texas Instruments TSC2301IPAGR Datasheet HTML 10Page - Texas Instruments TSC2301IPAGR Datasheet HTML 11Page - Texas Instruments TSC2301IPAGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
www.ti.com
TIMING DIAGRAM
t
td
ta
t
sck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
thi
tsu
MSB OUT
BIT . . . 1
LSB OUT
MSB IN
BIT . . . 1
LSB IN
SS
SCLK
MISO
MOSI
TIMING CHARACTERISTICS
(1) (2)
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PIN DESCRIPTION (continued)
VFBGA
TQFP
I/O
NAME
DESCRIPTION
BALL
PIN
D10
61
I
Y+
Y+ position input
C11
62
I
HPVDD
Analog supply for headphone amplifier and touch screen circuitry
B11
63
I
AUX1
SAR auxiliary analog input 1
B10
64
I
AUX2
SAR auxiliary analog input 2
All specifications typical at -40°C to +85°C, +V
DD = +2.7 V, POL = 1
Parameter
Symbol
Min
Max
Units
SCLK period
tsck
30
ns
Enable lead time
tLead
15
ns
Enable lag time
tLag
15
ns
Sequential transfer delay
ttd
30
ns
Data setup time
tsu
10
ns
Data hold time (inputs)
thi
10
ns
Data hold time (outputs)
tho
0
ns
Slave access time
ta
15
ns
Slave DOUT disable time
tdis
15
ns
Data valid
tv
10
ns
Rise time
tr
30
ns
Fall time
tf
30
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagram, above.
8


Número de pieza similar - TSC2301IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results

Descripción similar - TSC2301IPAGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
   Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
   Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com