Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13176D Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC13176D
Descripción Electrónicos  UHF FM/AM TRANSMITTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13176D Datasheet(HTML) 3 Page - Motorola, Inc

  MC13176D Datasheet HTML 1Page - Motorola, Inc MC13176D Datasheet HTML 2Page - Motorola, Inc MC13176D Datasheet HTML 3Page - Motorola, Inc MC13176D Datasheet HTML 4Page - Motorola, Inc MC13176D Datasheet HTML 5Page - Motorola, Inc MC13176D Datasheet HTML 6Page - Motorola, Inc MC13176D Datasheet HTML 7Page - Motorola, Inc MC13176D Datasheet HTML 8Page - Motorola, Inc MC13176D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MC13175 MC13176
3
MOTOROLA RF/IF DEVICE DATA
PIN FUNCTION DESCRIPTIONS
Pin
Symbol
Internal Equivalent
Circuit
Description/External
Circuit Requirements
1 & 4
Osc 1,
Osc 4
1
0sc 1
10k
4
Osc 4
10k
VCC
CCO Inputs
The oscillator is a current controlled type. An external oscillator
coil is connected to Pins 1 and 4 which forms a parallel
resonance LC tank circuit with the internal capacitance of the
IC and with parasitic capacitance of the PC board. Three
base–emitter capacitances in series configuration form the
capacitance for the parallel tank. These are the base–emitters
at Pins 1 and 4 and the base–emitter of the differential amplifier.
The equivalent series capacitance in the differential amplifier is
varied by the modulating current from the frequency control
circuit (see Pin 6, internal circuit). A more thorough discussion
is found in the Applications Information section.
5
VEE
VEE
VEE
VEE
5
Subcon
Supply Ground (VEE)
In the PCB layout, the ground pins (also applies to Pins 10 and
15) should be connected directly to chassis ground. Decoupling
capacitors to VCC should be placed directly at
the ground returns.
6
ICont
ICont
6
Reg
VCC
Frequency Control
For VCC = 3.0 Vdc, the voltage at Pin 6 is approximately 1.55
Vdc. The oscillator is current controlled by the error current from
the phase detector. This current is amplified to drive the current
source in the oscillator section which controls the frequency of
the oscillator. Figures 9 and 10 show the
∆fosc versus ICont,
Figure 5 shows the
∆fosc versus ICont at – 40°C, + 25°C and
+85
°C for 320 MHz. The CCO may be FM modulated as shown
in Figures 18 and 19, MC13176 320 MHz FM Transmitter. A
detailed discussion is found in the Applications Information
section.
7
PDout
4.0k
VCC
4.0k
7
PDout
Phase Detector Output
The phase detector provides
± 30 µA to keep the CCO locked at
the desired carrier frequency. The output impedance of the
phase detector is approximately 53 k
Ω. Under closed loop
conditions there is a DC voltage which is dependent upon the
free running oscillator and the reference oscillator frequencies.
The circuitry between Pins 7 and 6 should be selected for
adequate loop filtering necessary to stabilize and filter the loop
response. Low pass filtering between Pin 7 and 6 is needed so
that the corner frequency is well below the sum of the divider
and the reference oscillator frequencies, but high enough to
allow for fast response to keep the loop locked. Refer to the
Applications Information section regarding loop filtering and FM
modulation.


Número de pieza similar - MC13176D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176D MOTOROLA-MC13176D Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Descripción similar - MC13176D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17