Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UB291G-XX-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

No. de Pieza. UB291G-XX-AG6-R
Descripción  Charger Detection Voltage
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo 

UB291G-XX-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UB291
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R128-002.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE (Note)
MARKING
SOT-26
XX
Note: Refer to Serial Code List
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VDET1](V)
Overcharge
Release
Voltage
[VREL1](V)
Over discharge
Detection
Voltage
[VDET2](V)
Over discharge
Release
Voltage
[VREL2](V)
Over Current
Detection
Voltage
[VDET3](V)
AA
4.275
4.175
3.00
3.20
0.150
AB
4.280
4.100
2.30
2.50
0.150
AC
4.300
4.200
2.40
3.00
0.200
AD
4.280
4.180
2.50
3.00
0.150
AE
4.280
4.080
2.30
2.40
0.100
AF
4.275
4.075
2.50
2.90
0.150
AG
4.250
4.150
2.40
3.00
0.100
AH
4.200
4.100
2.80
2.90
0.150
AI
4.100
3.850
2.50
2.90
0.150
UB291
AJ
4.280
4.150
2.80
3.10
0.150
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
DO
For discharge control: FET gate connection pin
2
CO
For charge control: FET gate connection pin
3
DS
For reduce delay time: test pin
4
VM
For current sense and charger detection input pin
5
VDD
Positive power input
6
VSS
Negative power input


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn