Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9694-500EBZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9694-500EBZ
Descripción Electrónicos  14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9694-500EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9694-500EBZ Datasheet HTML 4Page - Analog Devices AD9694-500EBZ Datasheet HTML 5Page - Analog Devices AD9694-500EBZ Datasheet HTML 6Page - Analog Devices AD9694-500EBZ Datasheet HTML 7Page - Analog Devices AD9694-500EBZ Datasheet HTML 8Page - Analog Devices AD9694-500EBZ Datasheet HTML 9Page - Analog Devices AD9694-500EBZ Datasheet HTML 10Page - Analog Devices AD9694-500EBZ Datasheet HTML 11Page - Analog Devices AD9694-500EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
AD9694
Data Sheet
Rev. 0 | Page 8 of 101
Parameter
Min
Typ
Max
Unit
LOGIC INPUTS (PDWN/STBY)
Logic Compliance
CMOS
Logic 1 Voltage
0.65 × SPIVDD
V
Logic 0 Voltage
0
0.35 × SPIVDD
V
Input Resistance
10
MΩ
LOGIC INPUTS (SDIO, SCLK, CSB)
Logic Compliance
CMOS
Logic 1 Voltage
0.65 × SPIVDD
V
Logic 0 Voltage
0
0.35 × SPIVDD
V
Input Resistance
56
kΩ
LOGIC OUTPUT (SDIO)
Logic Compliance
CMOS
Logic 1 Voltage (IOH = 800 µA)
SPIVDD − 0.45 V
V
Logic 0 Voltage (IOL = 50 µA)
0
0.45
V
SYNCIN INPUT (SYNCINB+AB/SYNCINB−AB/
SYNCINB+CD/SYNCINB−CD)
Logic Compliance
LVDS/LVPECL/CMOS
Differential Input Voltage
400
800
1800
mV p-p
Input Common-Mode Voltage
0.6
0.69
2.2
V
Input Resistance (Differential)
18
22
kΩ
Input Capacitance (Single Ended per Pin)
0.7
pF
LOGIC OUTPUTS (FD_A, FD_B)
Logic Compliance
CMOS
Logic 1 Voltage
0.8 × SPIVDD
V
Logic 0 Voltage
0
0.5
V
Input Resistance
56
kΩ
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 3)
Logic Compliance
CML
Differential Output Voltage
455.8
mV p-p
Short-Circuit Current (ID SHORT)
15
mA
Differential Termination Impedance
100
1
DC-coupled input only.
SWITCHING SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.8 V,
SPIVDD = 1.8 V, 500 MSPS, clock divider = 4, 1.8 V p-p full-scale differential input, 0.5 V internal reference, AIN = −1.0 dBFS, default SPI
settings, unless otherwise noted. Minimum and maximum specifications are guaranteed for the full operating junction temperature (TJ)
range of −40°C to +105°C. Typical specifications represent performance at TJ = 50°C (TA = 25°C).
Table 6.
Parameter
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
0.3
2.4
GHz
Maximum Sample Rate1
600
MSPS
Minimum Sample Rate2
240
MSPS
Clock Pulse Width High
125
ps
Clock Pulse Width Low
125
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
62.5
100
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
31.25
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
31.37
ps
PLL Lock Time
5
ms
Data Rate per Channel (Nonreturn-to-Zero (NRZ))4
1.5625
10
15
Gbps


Número de pieza similar - AD9694-500EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
More results

Descripción similar - AD9694-500EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com