Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM2795EARWZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADM2795EARWZ
Descripción Electrónicos  Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM2795EARWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2795EARWZ Datasheet HTML 7Page - Analog Devices ADM2795EARWZ Datasheet HTML 8Page - Analog Devices ADM2795EARWZ Datasheet HTML 9Page - Analog Devices ADM2795EARWZ Datasheet HTML 10Page - Analog Devices ADM2795EARWZ Datasheet HTML 11Page - Analog Devices ADM2795EARWZ Datasheet HTML 12Page - Analog Devices ADM2795EARWZ Datasheet HTML 13Page - Analog Devices ADM2795EARWZ Datasheet HTML 14Page - Analog Devices ADM2795EARWZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
ADM2795E
Rev. 0 | Page 11 of 27
Figure 16. Receiver Propagation Delay (Oscilloscope)
Figure 17. Input Capacitance (A, B) vs. Junction Temperature
Figure 18. Radiated Emissions Profile with 120 pF Capacitor to GND1 on the
RxD Pin (Horizontal Scan, Data Rate = 2.5 Mbps, VDD1 = VDD2 = 5.0 V)
Figure 19. Receiver Propagation Delay vs. Temperature
Figure 20. Receiver Performance with Input Common-Mode Voltage of 25 V
Figure 21. Short-Circuit Current over Fault Voltage Range
C1
2.0V/DIV 1MΩ BW: 500M
C3
2.0V/DIV 1MΩ BW: 500M
M1 1.4V
100ns
C2
2.0V/DIV 1MΩ BW: 500M
A CH3
2.56V
100ns/DIV
1.0ns/pt
M1
3
2
VOD
A
B
RxD
0
50
100
150
200
250
–55 –40 –25
–5
15
35
55
75
95
115 125 130 140
JUNCTION TEMPERATURE (°C)
PIN A
PIN B
80
60
40
20
70
50
30
10
0
30M
100M
1G
FREQUENCY (Hz)
EN55022
EN55022B
tPLH
tPHL
0
20
40
60
80
120
100
140
125
95
65
35
5
–25
–55
TEMPERATURE (°C)
C1
1.0V
1MΩ BW: 500M OFFSET: 25.0V
C3
2.0V/DIV 1MΩ BW: 500M
M1 600mV
100ns
C2
1.0V
1MΩ BW: 500M OFFSET: 25.0V
A CH3
2.56V
100ns/DIV
1.0ns/pt
M1
3
2
VOD
A
B
RxD
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
PIN VOLTAGE (V)
VDD1 = 1.7V, VDD2 = 3.0V
PIN A
VDD1 = 1.7V, VDD2 = 3.0V
PIN B
VDD1 = 5.5V, VDD2 = 5.5V
PIN A
VDD1 = 5.5V, VDD2 = 5.5V
PIN B


Número de pieza similar - ADM2795EARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2795EARWZ AD-ADM2795EARWZ Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
ADM2795EARWZ-RL7 AD-ADM2795EARWZ-RL7 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
More results

Descripción similar - ADM2795EARWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
   Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Texas Instruments
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
[Old version datasheet]   5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3095E AD-ADM3095E Datasheet
557Kb / 19P
   Level 4 EMC Protected RS-485 Transceiver with Full ±42 V Fault Protection
Rev. C
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Texas Instruments
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
   Robust RS-422/485 Repeater
25-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com