Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADGM1304JCPZ-RL7 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADGM1304JCPZ-RL7
Descripción Electrónicos  Fully operational down to 0 Hz/dc
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADGM1304JCPZ-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADGM1304JCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADGM1304JCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADGM1304
Rev. C | Page 3 of 21
SPECIFICATIONS
VDD = 3.3 V, AGND = 0 V, RFGND = 0 V, all specifications TMIN to TMAX = 0°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
DYNAMIC CHARACTERISTICS
−3 dB Bandwidth3
BW
RF1, RF4
9.3
11
GHz
RF1 to RFC and RF4 to RFC channels
RF2, RF3
12
14
GHz
RF2 to RFC and RF3 to RFC channels
Insertion Loss3
IL
0.26
0.55
dB
At 2.5 GHz; RFC to RFx channel; 25°C
0.4
0.9
dB
At 6.0 GHz; RFC to RFx channel; 25°C
Isolation3
ISO
23
24
dB
At 2.5 GHz; RFC to RFx channel
17
19
dB
At 6.0 GHz; RFC to RFx channel
Crosstalk3
CTK
27
30
dB
At 2.5 GHz; RFx to RFx channel
22
24
dB
At 6.0 GHz; RFx to RFx channel
Return Loss3
RL
13
18
dB
Up to 6.0 GHz
Input Third-Order Intermodulation
Intercept
IIP3
69
dBm
Input: 900 MHz and 901 MHz;
input power = 27 dBm
Input Second-Order Intermodulation
Intercept
IIP2
119
dBm
Input: 900 MHz and 901 MHz;
input power = 27 dBm
Second Harmonic
HD2
−90
dBc
Input: 5.4 MHz; input power = 0 dBm
HD2
−85
dBc
Input: 150 MHz and 800 MHz;
input power = 36 dBm
Third Harmonic
HD3
−85
dBc
Input: 150 MHz and 800 MHz;
input power = 36 dBm
Total Harmonic Distortion and Noise
THD + N
−110
dBc
RL = 300 Ω, f = 1 kHz, RFx pin = 2.5 V p-p
RF Power Rating3, 4
36
dBm
50 Ω termination
DC Voltage Range
−6
+6
V
On switch dc voltage operation range
Time
On Switching
tON
30
75
µs
50% INx pin to 90% RFx pin, 50 Ω termination
Off Switching
tOFF
5
30
µs
50% INx pin to 10% RFx pin, 50 Ω termination
Settling
Rising Edge3
40
µs
50% INx pin to 0.05 dB final IL value,
50 Ω termination
Falling Edge3
8
µs
50% INx pin to 0.05 dB final IL value,
50 Ω termination
Wake-Up
0.55
1.2
ms
CCP = 47 pF; 50% INx pin to 90% RFx pin
Actuation Frequency3
5
kHz
All switches toggled simultaneously
Video Feedthrough3
16
mV peak
1 MΩ termination
Internal Oscillator Frequency
7.9
15
MHz
Internal Oscillator Feedthrough3, 5
−115
dBm
Spectrum analyzer resolution bandwidth
(RBW) = 200 Hz; one switch in on state, all
others off with 50 Ω terminations
SWITCH PROPERTIES
On Resistance
RON
1.6
3.6
IDS = 50 mA, 0 V to 6 V
On Resistance Stability3
ΔRON
1.4
109 actuations; full temperature range;
1 kHz cycling frequency;
220 mA load between toggles
RF Port
On Capacitance3
CRF On
3.3
pF
At 1 MHz
Off Capacitance3
CRF Off
1.6
pF
At 1 MHz
On Leakage
5
nA
RFx (off channels) = 6 V;
RFC/RFx (on channel) = −6 V
Off Leakage
0.5
nA
RFx pin = 6 V; RFC = −6 V
Continuously On Lifetime3
7.2
Years
Median time before failure6 at 50°C
Actuation Lifetime3
109
Cycles
Cold switched; load between toggling is
220 mA; tested at 85°C


Número de pieza similar - ADGM1304JCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADGM1304JCPZ-RL7 AD-ADGM1304JCPZ-RL7 Datasheet
1Mb / 34P
   0 Hz/dc to 14 GHz, Single-Pole, Four-Throw MEMS Switch with Integrated Driver
Rev. G
More results

Descripción similar - ADGM1304JCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
   0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
ADGM1001 AD-ADGM1001 Datasheet
2Mb / 33P
   0 Hz/DC to 34 GHz, SPDT MEMS Switches
Rev. 0
ADGM1121 AD-ADGM1121 Datasheet
6Mb / 27P
   0 Hz/DC to 18 GHz, DPDT, MEMS Switch
Rev. 0
logo
Peregrine Semiconductor
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
   UltraCMOS True DC RF Switch, 0 Hz??000 MHz
logo
Vicor Corporation
DCM4623XD2N26C8YZZ VICOR-DCM4623XD2N26C8YZZ Datasheet
1Mb / 25P
   Fully operational current limit
DCM4623XD2K53EYZZ VICOR-DCM4623XD2K53EYZZ Datasheet
1Mb / 25P
   Fully operational current limit
logo
First Components Intern...
LM2596M FCI-LM2596M Datasheet
345Kb / 6P
   150K Hz, 2A PWM Step-Down CD/DC Converter Positive to negative convertre
logo
Nisshinbo Micro Devices...
NJM2725 NISSHINBO-NJM2725 Datasheet
1Mb / 19P
   160MHz, 1.4nV/√Hz, Operational Amplifier
August 25, 2022 Ver.1.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com