Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8351A28MC-J2NT2G Datasheet(PDF) 40 Page - Seiko Instruments Inc

No. de pieza S-8351A28MC-J2NT2G
Descripción Electrónicos  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A28MC-J2NT2G Datasheet(HTML) 40 Page - Seiko Instruments Inc

Back Button S-8351A28MC-J2NT2G Datasheet HTML 36Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 37Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 38Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 39Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 40Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 41Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 42Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 43Page - Seiko Instruments Inc S-8351A28MC-J2NT2G Datasheet HTML 44Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
40
Condition 9 S-8352A30MC
(a) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage raising)
(b) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage falling)
2.8
2.9
3.0
3.1
VIN [V]
2
3
4
1
0
2.6
2.7
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
3.2
2.8
2.9
3.0
3.1
VIN [V]
2
3
4
1
0
3.2
2.6
2.7
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
(c) Output current (IOUT) vs.Output voltage (VOUT)
(d) Output current (IOUT) vs. Efficiency (
η)
IOUT [mA]
100 150 200
50
2.8
2.9
3.0
3.1
3.2
2.6
2.7
0
250 300 350
VIN
= 1.5 V
VIN
= 1.8 V
VIN
= 2.0 V
VIN
= 2.5 V
50
60
70
80
IOUT [mA]
1
10
100
1000
0.1
0.01
VIN
= 1.5 V
VIN
= 1.8 V
VIN
= 2.0 V
VIN
= 2.5 V
90
Condition 10 S-8352A50MC
(a) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage raising)
(b) Input voltage (VIN) vs. Output voltage (VOUT)
(Input voltage falling)
4.8
4.9
5.0
5.1
VIN [V]
2
3
5
1
0
5.2
4.6
4.7
4
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
4.8
4.9
5.0
5.1
VIN [V]
5.2
4.6
4.7
23
5
1
04
6
IOUT
= 0.1 mA
IOUT
= 1 mA
IOUT
= 10 mA
IOUT
= 50 mA
IOUT
= 100 mA
IOUT
= 150 mA
(c) Output current (IOUT) vs.Output voltage (VOUT)
(d) Output current (IOUT) vs. Efficiency (
η)
4.8
4.9
5.0
5.1
IOUT [mA]
100
200
300
50
0
5.2
4.6
4.7
400
150
250
350
450
VIN
= 1.5 V
VIN
= 2.0 V
VIN
= 3.0 V
VIN
= 4.0 V
50
60
70
80
IOUT [mA]
1
10
100
1000
0.1
0.01
90
VIN
= 2.0 V
VIN
= 3.0 V
VIN
= 4.0 V


Número de pieza similar - S-8351A28MC-J2NT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Descripción similar - S-8351A28MC-J2NT2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com