Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8351A27MC-J2MT2U Datasheet(PDF) 22 Page - Seiko Instruments Inc

No. de pieza S-8351A27MC-J2MT2U
Descripción Electrónicos  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A27MC-J2MT2U Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S-8351A27MC-J2MT2U Datasheet HTML 18Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 19Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 20Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 21Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 22Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 23Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 24Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 25Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351/8352 Series
Rev.3.0_01
22
4. 2 Bipolar (NPN) Type
A circuit example using the CPH3210 (hFE = 200 to 560) from Sanyo Electric Co., Ltd. as a bipolar transistor
(NPN) is shown in Figure 24 to 26 in the “ Standard Circuits”. The hFE value and Rb value of the bipolar
transistor determine the driving capacity to increase the output current using a bipolar transistor. A peripheral
circuit example of the transistor is shown in Figure 20.
Nch
Pch
VOUT
*1
IPK
EXT
Cb
2200 pF
Rb
1 k
Ω
*1.
VDD for D type.
Figure 20 External Transistor Peripheral Circuit
The recommended Rb value is around 1 k
Ω. Actually, calculate the necessary base current (Ib) from the bipolar
transistor (hFE) using
FE
PK
b
h
I
I
=
, and select the smaller Rb value than
EXTH
b
OUT
b
I
4
.
0
I
7
.
0
V
R
=
*1.
A small Rb value can increase the output current, but the efficiency decreases. Since a current may flow on the
pulse and the voltage may drop due to wiring resistance or other factors in the actual circuit, therefore the
optimum Rb value should be determined by experiment.
Connecting the speed-up capacitor (Cb) in parallel with the Rb resistance as shown in Figure 20, decreases
switching loss and improves the efficiency.
The Cb value is calculated according to
7
.
0
f
R
π
2
1
C
osc
b
b
.
Select a Cb value after performing sufficient evaluation since the optimum Cb value differs depending upon the
characteristics of the bipolar transistor.
*1.
For D type,
EXTH
b
DD
b
I
4
.
0
I
7
.
0
V
R
=
.


Número de pieza similar - S-8351A27MC-J2MT2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Descripción similar - S-8351A27MC-J2MT2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com