Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8351A27MC-J2MT2U Datasheet(PDF) 35 Page - Seiko Instruments Inc

No. de pieza S-8351A27MC-J2MT2U
Descripción Electrónicos  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8351A27MC-J2MT2U Datasheet(HTML) 35 Page - Seiko Instruments Inc

Back Button S-8351A27MC-J2MT2U Datasheet HTML 31Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 32Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 33Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 34Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 35Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 36Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 37Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 38Page - Seiko Instruments Inc S-8351A27MC-J2MT2U Datasheet HTML 39Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.0_01
S-8351/8352 Series
35
Reference Data
Use this reference data to choose the external parts.
This reference data makes it possible to choose the
recommended external part based on the application and characteristics data.
1. External Parts for Reference Data
Table 18
Condition
Product Name
Output
Voltage
V
Power
MOS FET
Coil
1
S-8351A30MC
3.0
Built-in
CDRH6D28-470
2
S-8351A30MC
3.0
Built-in
CDRH6D28-101
3
S-8351A30MC
3.0
Built-in
CXLP120-101
4
S-8351A50MC
5.0
Built-in
CDRH6D28-101
5
S-8351A50MC
5.0
Built-in
CDRH125-221
6
S-8351A50MC
5.0
Built-in
CXLP120-470
7
S-8352A30MC
3.0
External
CDRH6D28-220
8
S-8352A30MC
3.0
External
CDRH6D28-101
9
S-8352A30MC
3.0
External
CXLP120-470
10
S-8352A50MC
5.0
External
CDRH6D28-220
11
S-8352A50MC
5.0
External
CDRH6D28-101
12
S-8352A50MC
5.0
External
CXLP120-101
The properties of the external parts are shown below.
Table 19 Evaluation coil
Part
Product Name
Manufacturer
Characteristics
Coil
CDRH6D28-220
Sumida Corporation
22
μH, DCR *1 = 0.128 Ω, IMAX *2 = 1200 mA
CDRH6D28-470
Sumida Corporation
47
μH, DCR *1 = 0.238 Ω, IMAX *2 = 800 mA
CDRH6D28-101
Sumida Corporation
100
μH, DCR *1 = 0.535 Ω, IMAX *2 = 540 mA
CDRH125-221
Sumida Corporation
220
μH, DCR *1 = 0.4 Ω, IMAX *2 = 800 mA
CXLP120-470
Sumitomo Special Metals Co., Ltd
47
μH, DCR *1 = 0.95 Ω, IMAX *2 = 450 mA
CXLP120-101
Sumitomo Special Metals Co., Ltd
100
μH, DCR *1 = 2.5 Ω, IMAX *2 = 200 mA
*1.
Direct current resistance
*2.
Maximum allowable current
Table 20 Properties of External Parts
Part
Product Name
Manufacturer
Characteristics
Diode
MA2Z748
Matsushita Electronic Components
Co., Ltd.
VF*1 = 0.4V, IF*2 = 0.3A
(Shottky type)
Capacitor
(Output
capacitance)
F93
Nichicon Corporation
16V, 47
μF
(Tantalum type)
Transistor
(NPN)
CPH3210
Sanyo Electric Co.,Ltd.
VCBO*3 = 40V, VCEO*4 = 30V
hFE*5 = 200 min. (VCE = 2V, IC = 500mA)
fT*6 = 290 MHz typ. (VCE = 10V, IC = 500mA)
*1.
Forward voltage, *2. Forward current, *3. Collector-to-base voltage, *4. Collector-to-emitter voltage, *5. DC
current gain, *6. Gain-bandwidth product
Caution The above values shown in the characteristics column of Table 19 and 20 are based on the
materials provided by each manufacture. However, consider the characteristics of the original
materials when using the above products.


Número de pieza similar - S-8351A27MC-J2MT2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8351AxxMC SII-S-8351AxxMC Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8351AXXMC ABLIC-S-8351AXXMC Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
More results

Descripción similar - S-8351A27MC-J2MT2U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com