Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CCBB-T8T1U Datasheet(PDF) 13 Page - Seiko Instruments Inc

No. de pieza S-8333CCBB-T8T1U
Descripción Electrónicos  PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CCBB-T8T1U Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8333CCBB-T8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 15Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 16Page - Seiko Instruments Inc S-8333CCBB-T8T1U Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
13
5. Error amplifier
The error amplifier outputs the PWM control signal so that the voltage of the FB pin is held at a specific value
(1 V). By connecting a resistor (RZ) and capacitor (CZ) to the output pin (CC pin) of the error amplifier in series,
an optional loop gain can be set, enabling stabilized phase compensation.
6. Operation
The following are basic equations [(1) through (7)] of the step-up switching regulator (refer to Figure 10).
D
L
CL
M1
FB
CONT
VIN
EXT
VSS
VOUT
Figure 10 Step-up Switching Regulator Circuit for Basic Equations
Voltage at the CONT pin at the moment M1 is turned ON (current IL flowing through L is zero), VA:
VA
= VS*1 .................................................................................................................................................(1)
*1.
VS: Non-saturated voltage of M1
Change in IL over time:
L
V
V
L
V
dt
dl
S
IN
L
L
=
=
.............................................................................................................................(2)
Integration of the above equation:
t
L
V
V
I
S
IN
L
×
=
.................................................................................................................................. (3)
IL flows while M1 is ON (ton). This time is determined by the oscillation frequency of OSC.
Peak current (IPK) after tON:
ON
S
IN
PK
t
L
V
V
I
×
=
........................................................................................................................... (4)
The energy stored in L is represented by
1
2× L (IPK)
2.
When M1 is turned OFF (tOFF), the energy stored in L is released via a diode, generating a reverse voltage (VL).
VL:
(
)
IN
2
*
D
OUT
L
V
V
V
V
+
=
......................................................................................................................... (5)
*2.
VD: Diode forward voltage
The voltage on the CONT pin rises only by VOUT
+ VD.


Número de pieza similar - S-8333CCBB-T8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CCBB-T8T1y SII-S-8333CCBB-T8T1y Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CCBB-T8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com