Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAQY212TR Datasheet(PDF) 6 Page - COSMO Electronics Corporation

No. de pieza KAQY212TR
Descripción Electrónicos  4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQY212TR Datasheet(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQY212TR Datasheet HTML 2Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 3Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 4Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 5Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 6Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 7Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 8Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 9Page - COSMO  Electronics Corporation KAQY212TR Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M00001.5
- 6 -
http://www.cosmo-ic.com
cosmo
KAQY212 Series
4PIN 60V N.O TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
-40
-2 0
0
20
40
60
80
1.7
1.5
1.3
1.1
0.9
1.9
5 0m A
3 0m A
2 0m A
1 0m A
5m A
0 .2
0 . 4
0 . 6
0 . 8
1 .0
- 1 .0
- 0 .8
- 0 .6
- 0 .4
- 0 .2
- 1 0 0
- 2 0 0
- 3 0 0
- 4 0 0
- 5 0 0
- 6 0 0
6 0 0
5 0 0
4 0 0
3 0 0
2 0 0
1 0 0
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Turn-on Time
vs. LED Forward Current
Fig.10 Off-state Leakage Current
vs. Load Voltage
0
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
0
60
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Turn-off Time
vs. LED Forward Current
Fig.12 Output Capacitance
vs. Applied Voltage
0
0 .1
0 .2
0 .3
0 .4
0 .5
1 0
2 0
3 0
4 0
5 0
0
6 0
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)


Número de pieza similar - KAQY212TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQY212 COSMO-KAQY212 Datasheet
418Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY212 COSMO-KAQY212 Datasheet
161Kb / 7P
   PRODUCT SPECIFICATION
KAQY212A COSMO-KAQY212A Datasheet
418Kb / 2P
   HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT
KAQY212A COSMO-KAQY212A Datasheet
163Kb / 7P
   PRODUCT SPECIFICATION
KAQY212H COSMO-KAQY212H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results

Descripción similar - KAQY212TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KCP1017 COSMO-KCP1017_15 Datasheet
217Kb / 11P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY212SE COSMO-KAQY212SE_15 Datasheet
204Kb / 12P
   4PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY210 COSMO-KAQY210_15 Datasheet
256Kb / 12P
   4PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213 Datasheet
485Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY216 COSMO-KAQY216_15 Datasheet
255Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KCP1008 COSMO-KCP1008_15 Datasheet
209Kb / 11P
   4PIN 100V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY216 COSMO-KAQY216 Datasheet
473Kb / 12P
   4PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY213 COSMO-KAQY213_15 Datasheet
267Kb / 12P
   4PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY214 COSMO-KAQY214_15 Datasheet
255Kb / 12P
   4PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET Output
KAQY217 COSMO-KAQY217_15 Datasheet
254Kb / 12P
   4PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com