Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8338AACB-P8T1G Datasheet(PDF) 20 Page - Seiko Instruments Inc

No. de pieza S-8338AACB-P8T1G
Descripción Electrónicos  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AACB-P8T1G Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-8338AACB-P8T1G Datasheet HTML 16Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 17Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 18Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 19Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 20Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 21Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 22Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 23Page - Seiko Instruments Inc S-8338AACB-P8T1G Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
20
5. Oscillation frequency and maximum duty ratio setting resistors (ROSC, RDuty)
With the S-8337/8338 Series, the oscillation frequency can be set in a range of 286 kHz to 1.133 MHz
using external resistance. Connect a resistor across the ROSC and VSS pins. Select the resistor by
using the following equation and referring to Figure 12. However, the following equation and figure
assume that the resistance value is the desired value and show the theoretical values when the IC is
in the typical conditions. Note that fluctuations of resistance and IC are not considered.
140 10
3
ROSC [k
Ω] ≅
fOSC [kHz]
1400
1200
1000
800
600
400
200
0
0
200
400
600
ROSC [k
Ω]
Figure 12 ROSC vs. fOSC
With the S-8337 Series, the maximum duty ratio can be set in a range of 47% to 88.5% by an external
resistor. Connect the resistor across the RDuty and VSS pins. Select the resistance by using the
following equation and referring to Figure 13. The maximum duty ratio fluctuates according to the
oscillation frequency. If the value of ROSC is changed, therefore, be sure to change the value of
RDuty so that it is always in proportion to ROSC. However, the following equation and figure assume
that the resistance value is the desired value and show the theoretical values when the IC is in the
typical conditions. Note that fluctuations of resistance and IC are not considered.
(94.5
− MaxDuty)
ROSC
RDuty
11.5
100
90
80
70
60
50
40
0
2
4
5
RDuty/ROSC
13
Figure 13 RDuty/ROSC vs. MaxDuty
Connect resistors ROSC and RDuty as close to the IC as possible.


Número de pieza similar - S-8338AACB-P8T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Descripción similar - S-8338AACB-P8T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com