Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHC-T8T1U Datasheet(PDF) 12 Page - Seiko Instruments Inc

No. de pieza S-8333CBHC-T8T1U
Descripción Electrónicos  PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHC-T8T1U Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-8333CBHC-T8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 12Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 14Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 15Page - Seiko Instruments Inc S-8333CBHC-T8T1U Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8333 Series
Rev.4.2_01
12
3. Timer latch short-circuit protection function
This IC has a timer latch short-circuit protection circuit that stops the switching operation when the output voltage
drops for a specific time due to output short-circuiting. A capacitor (CSP) that is used to set the delay time of this
short-circuit protection circuit can be connected to the CSP pin.
This IC operates at the maximum duty ratio if the output voltage drops due to output short-circuiting. At the
maximum duty ratio, constant-current charging of CSP starts. If this status lasts for a short-circuit protection
delay time and the CSP pin voltage rises above the reference voltage, the latch mode is set. Note that the latch
mode is different from the shutdown status in that the switching operation is stopped but the internal circuitry
operates normally.
To reset the latch operation to protect the IC from short-circuiting, lower VIN than the UVLO detection voltage.
The latch mode within the short-circuit protection delay time is reset by decreasing VIN to 1.0 V (Typ.) or lower.
Note that the mode is not reset even if the VIN is lowered to the UVLO detection voltage (refer to Figure 9).
Input voltage
(VIN)
Output load
CSP pin voltage
(VCSP)
Latch mode
Short-circuit status
50 ms (CSP
= 0.1 μF)
Normal
status
Short-circuit
protection time
Latch
period
Reset period
Reset period
Short-circuit
protection time
Short-circuit
protection time
UVLO release
UVLO detection
1.0 V
Reference
voltage
Figure 9
4. UVLO function
This IC includes a UVLO (under-voltage lockout) circuit to prevent the IC from malfunctioning due to a transient
status when power is applied or a momentary drop of the power supply voltage. When UVLO is in the detection
state, switching is stopped and the external FET is held in the off status. Once UVLO enters the detection state,
the soft-start function is reset.
Note that the other internal circuits operate normally and that the status is different from the power-off status.


Número de pieza similar - S-8333CBHC-T8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHC-T8T1y SII-S-8333CBHC-T8T1y Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHC-T8T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com