Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8338AABC-P8T1G Datasheet(PDF) 34 Page - Seiko Instruments Inc

No. de pieza S-8338AABC-P8T1G
Descripción Electrónicos  SWITCHING REGULATOR CONTROLLER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8338AABC-P8T1G Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S-8338AABC-P8T1G Datasheet HTML 30Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 31Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 32Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 33Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 34Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 35Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 36Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 37Page - Seiko Instruments Inc S-8338AABC-P8T1G Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8337/8338 Series
Rev.4.0_01
34
Reference Data
1. Reference data for external parts
Table 8 Properties of External Parts
Element Name
Product Name
Manufacture
Characteristics
Inductor
LDR655312T
TDK Corporation
4.7
μH, DCR*1 = 206 mΩ, IMAX*2 = 0.9 A,
Height = 1.2 mm
Diode
RB491D
Rohm Co., Ltd.
VF*3 = 0.45 V, IF*4 = 1.0 A
Output capacitor
16 V, 10
μF
Transistor
MCH3406
Sanyo Electric Co., Ltd.
VDSS*5 = 20 V, VGSS*6 =
±10 V, Ciss*7 = 280 pF,
RDS(ON)*8 = 82 m
Ω max. (VGS*9 = 2.5 V, ID*10 = 1 A)
*1.
DCR : DC resistance
*2.
IMAX :
Maximum allowable current
*3.
VF :
Forward voltage
*4.
IF :
Forward current
*5.
VDSS :
Drain to source voltage (When between gate and source short circuits)
*6.
VGSS :
Gate to source voltage (When between drain and source short circuits)
*7.
Ciss :
Input capacitance
*8.
RDS(ON) : Drain to source on resistance
*9.
VGS :
Gate to source voltage
*10.
ID :
Drain current
Caution The values shown in the characteristics column of Table 8 above are based on the
materials provided by each manufacturer. However, consider the characteristics of the
original materials when using the above products.


Número de pieza similar - S-8338AABC-P8T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8338 SII-S-8338 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8338 ABLIC-S-8338 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
More results

Descripción similar - S-8338AABC-P8T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com