Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-8333CBHC-T8T1S Datasheet(PDF) 17 Page - Seiko Instruments Inc

No. de pieza S-8333CBHC-T8T1S
Descripción Electrónicos  PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8333CBHC-T8T1S Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-8333CBHC-T8T1S Datasheet HTML 13Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 14Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 15Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 16Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 17Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 18Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 19Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 20Page - Seiko Instruments Inc S-8333CBHC-T8T1S Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_01
S-8333 Series
17
5. Oscillation frequency and maximum duty ratio setting resistors (ROSC, RDuty)
With the S-8333 Series, the oscillation frequency can be set in a range of 280 kHz to 1.08 MHz using external
resistance. Connect a resistor across the ROSC and VSS pins. Select the resistor by using the following
equation and referring to Figure 12. However, the following equation and figure assume that the resistance
value is the desired value and show the theoretical values when the IC is in the typical conditions. Note that
fluctuations of resistance and IC are not considered.
130
× 10
3
ROSC [k
Ω] ≅
fOSC [kHz]
1400
1200
1000
800
600
400
200
0
0
200
400
600
ROSC [k
Ω]
Figure 12 ROSC vs. fOSC
With the S-8333 Series, the maximum duty ratio can be set in a range of 47% to 88.5% (between 47 to 80%, if the
oscillation frequency is less than 500 kHz) by an external resistor. Connect the resistor across the RDuty and
VSS pins. Select the resistance by using the following equation and referring to Figure 13. The maximum duty
ratio fluctuates according to the oscillation frequency. If the value of ROSC is changed, therefore, be sure to
change the value of RDuty so that it is always in proportion to RDuty / ROSC. However, the following equation
and figure assume that the resistance value is the desired value and show the theoretical values when the IC is
in the typical conditions. Note that fluctuations of resistance and IC are not considered.
Caution Set max. duty 80% or less if the oscillation frequency is less than 500 kHz.
(95.5
− MaxDuty)
ROSC
RDuty
15.0
100
90
80
70
60
50
40
0
2
4
RDuty / ROSC
1
3
Figure 13 RDuty / ROSC vs. MaxDuty
Connect resistors ROSC and RDuty as close to the IC as possible.


Número de pieza similar - S-8333CBHC-T8T1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8333CBHC-T8T1y SII-S-8333CBHC-T8T1y Datasheet
2Mb / 44P
   STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
More results

Descripción similar - S-8333CBHC-T8T1S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com