Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW33LT3G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BCW33LT3G
Descripción Electrónicos  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW33LT3G Datasheet(HTML) 3 Page - ON Semiconductor

  BCW33LT3G Datasheet HTML 1Page - ON Semiconductor BCW33LT3G Datasheet HTML 2Page - ON Semiconductor BCW33LT3G Datasheet HTML 3Page - ON Semiconductor BCW33LT3G Datasheet HTML 4Page - ON Semiconductor BCW33LT3G Datasheet HTML 5Page - ON Semiconductor BCW33LT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCW33LT1G, SBCW33LT1G
www.onsemi.com
3
Figure 3. Noise Voltage
f, FREQUENCY (Hz)
5.0
7.0
10
20
3.0
Figure 4. Noise Current
f, FREQUENCY (Hz)
2.0
10
20
50
100
200
500
1k
2k
5k
10k
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
BANDWIDTH = 1.0 Hz
RS = 0
IC = 1.0 mA
100
mA
30
mA
BANDWIDTH = 1.0 Hz
RS ≈∞
10
mA
300
mA
IC = 1.0 mA
300
mA
100
mA
30
mA
10
mA
10
20
50
100
200
500
1k
2k
5k
10k
TYPICAL NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 5. Narrow Band, 100 Hz
IC, COLLECTOR CURRENT (mA)
500k
Figure 6. Narrow Band, 1.0 kHz
IC, COLLECTOR CURRENT (mA)
10
2.0 dB
BANDWIDTH = 1.0 Hz
Figure 7. Wideband
IC, COLLECTOR CURRENT (mA)
10
10 Hz to 15.7 kHz
Noise Figure is defined as:
NF
+ 20 log10
en2 ) 4KTRS ) In
2RS2
4KTRS
1 2
= Noise Voltage of the Transistor referred to the input. (Figure 3)
= Noise Current of the Transistor referred to the input. (Figure 4)
= Boltzman’s Constant (1.38 x 10−23 j/
°K)
= Temperature of the Source Resistance (
°K)
= Source Resistance (Ohms)
en
In
K
T
RS
3.0 dB 4.0 dB
6.0 dB
10 dB
50
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
20
30
50 70 100
200 300
500 700
1k
10
20
30
50 70 100
200 300
500 700
1k
500k
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
1M
500k
50
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
20
30
50
70
100
200 300
500 700
1k
BANDWIDTH = 1.0 Hz
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
NOISE FIGURE CONTOURS
(VCE = 5.0 Vdc, TA = 25°C)


Número de pieza similar - BCW33LT3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCW33LT3G ONSEMI-BCW33LT3G Datasheet
262Kb / 6P
   General Purpose Transistor
August, 2009 ??Rev. 4
More results

Descripción similar - BCW33LT3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com