Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC849BLT3G Datasheet(PDF) 6 Page - ON Semiconductor |
|
BC849BLT3G Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 13 page BC846ALT1G Series www.onsemi.com 6 BC846B, SBC846B Figure 15. Collector Saturation Region IB, BASE CURRENT (mA) Figure 16. Base−Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) 1.0 1.2 1.6 2.0 0.02 1.0 10 0 20 0.1 0.4 0.8 0.2 2.0 10 200 1.0 TA = 25°C 200 mA 50 mA IC = 10 mA 0.05 0.2 0.5 2.0 5.0 100 mA 20 mA 1.4 1.8 2.2 2.6 3.0 0.5 5.0 20 50 100 -55 °C to 125°C qVB for VBE Figure 17. Capacitance VR, REVERSE VOLTAGE (VOLTS) 40 Figure 18. Current−Gain − Bandwidth Product IC, COLLECTOR CURRENT (mA) 0.1 0.2 1.0 50 2.0 2.0 10 100 100 200 500 50 20 20 10 6.0 4.0 1.0 10 50 100 5.0 VCE = 5 V TA = 25°C 0.5 5.0 20 TA = 25°C Cob Cib |
Número de pieza similar - BC849BLT3G |
|
Descripción similar - BC849BLT3G |