Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33154P Datasheet(PDF) 10 Page - Motorola, Inc

No. de pieza MC33154P
Descripción Electrónicos  SINGLE IGBT HIGH CURRENT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33154P Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33154P Datasheet HTML 4Page - Motorola, Inc MC33154P Datasheet HTML 5Page - Motorola, Inc MC33154P Datasheet HTML 6Page - Motorola, Inc MC33154P Datasheet HTML 7Page - Motorola, Inc MC33154P Datasheet HTML 8Page - Motorola, Inc MC33154P Datasheet HTML 9Page - Motorola, Inc MC33154P Datasheet HTML 10Page - Motorola, Inc MC33154P Datasheet HTML 11Page - Motorola, Inc MC33154P Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33154
10
MOTOROLA ANALOG IC DEVICE DATA
properly terminated sense IGBT is very low, normally less
than 100 mV.
The sense IGBT approach requires a blanking time to
prevent false tripping during turn–on. The sense IGBT also
requires that the sense signal is ignored while the gate is low.
This is because the mirror normally produces large transient
voltages during both turn–on and turn–off due to the collector
to mirror capacitance.
A low resistance current shunt may also be used to sense
the emitter current. A very low resistance shunt (5.0 m
Ω to
50 m
Ω) must be used with high current IGBTs. The output
voltage of a current shunt is also very low.
When the output is an actual short circuit the inductance
will be very low. Since the blanking circuit provides a fixed
minimum on–time the peak current under a short circuit may
be very high. A short circuit discern function may be
implemented using a second comparator with a higher trip
voltage.
This circuit can distinguish between an overcurrent and a
shorted output condition. Under an actual short circuit the die
temperature may get very hot. When a short circuit is
detected the transistor should be turned–off for several
milliseconds to cool down before the device is turned back
on.
The sense circuit is very similar to the Desaturation circuit.
The MC33154 uses a combination circuit that provides
protection for both Short Circuit capable IGBTs and Sense
IGBTs.
APPLICATION EXAMPLES
The simplest gate drive circuit using the MC33154 is
shown in Figure 30. The optoisolator requires a pull up
resistor. This resistor value should be set to bias the output
transistor at the desired current. A decoupling capacitor
should be placed close to the IC to minimize switching noise.
A bootstrap diode may be used to for a floating supply. If
the protection features are not used, then both the
desaturation input and the current sense input should be
grounded.
When used with a single supply the Kelvin Gnd and VEE
pins should be connected. Separate resistors are
recommended for turn–on and turn–off.
Figure 30. Basic Application
7
4
3
2
1
5
8
6
Fault
Input
Desat/
Blank
Output
Sense
Gnd
VEE
VCC
MC33154
18 V
When used with a dual supply as shown in Figure 31, the
Gnd pin should be Kelvin connected to the emitter of the
IGBT. If the protection features are not used, then both the
desaturation input and the current sense input should be
connected to Gnd. The input optoisolator, however, should
be referenced to VEE.
Figure 31. Dual Supply Application
7
4
3
2
1
5
8
6
Fault
Input
Desat/
Blank
Output
Sense
Gnd
VEE
VCC
MC33154
15 V
–5.0 V
If Desaturation protection is desired as shown in Figure
32, a high voltage diode is connec ted to the
Desaturation/Blanking pin. The blanking capacitor should be
connected from the Desaturation pin to the VEE pin. If a dual
supply is used the blanking capacitor should be connected to
the Kelvin Gnd.
Because desaturation protection is used in this example,
the sense input should be tied high. The MC33154 design
ANDs the output of the overcurrent comparators with the
output of the desaturation comparator, allowing the circuit
designer to choose either type of protection.
Although the reverse voltage on collector of the IGBT is
clamped to the emitter by the free wheeling diode, there is
normally considerable inductance within the package itself. A
small resistor in series with the diode may be used to protect
the IC from reverse voltage transients.
Figure 32. Desaturation Application
7
4
3
2
1
5
8
6
Fault
Input
Desat/
Blank
Output
Sense
Gnd
VEE
VCC
MC33154
18 V
When using sense IGBTs or a sense resistor, as shown in
Figure 33, the sense voltage is applied to the current sense
input. The sense trip voltages are referenced to the Kelvin
Gnd pin. The sense voltage is very small, typically about 65
mV, and sensitive to noise.
Therefore, the sense and ground return conductors should
be routed as a differential pair. An RC filter is useful in filtering
any high frequency noise. A blanking capacitor is connected


Número de pieza similar - MC33154P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
More results

Descripción similar - MC33154P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com