Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADuM261N1BRIZ-RL Datasheet(PDF) 4 Page - Analog Devices |
|
ADuM261N1BRIZ-RL Datasheet(HTML) 4 Page - Analog Devices |
4 / 23 page ADuM260N/ADuM261N/ADuM262N/ADuM263N Data Sheet Rev. 0 | Page 4 of 23 Parameter Symbol Min Typ Max Unit Test Conditions/Comments Dynamic Supply Current Dynamic Input IDDI (D) 0.01 mA/Mbps Inputs switching, 50% duty cycle Dynamic Output IDDO (D) 0.02 mA/Mbps Inputs switching, 50% duty cycle Undervoltage Lockout UVLO Positive VDDx Threshold VDDxUV+ 1.6 V Negative VDDx Threshold VDDxUV− 1.5 V VDDx Hysteresis VDDxUVH 0.1 V AC SPECIFICATIONS Output Rise/Fall Time tR/tF 2.5 ns 10% to 90% Common-Mode Transient Immunity7 |CMH| 75 100 kV/μs VIx = VDDx, VCM = 1000 V, transient magnitude = 800 V |CML| 75 100 kV/μs VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V 1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible. 2 IOx is the Channel x output current, where x = A, B, C, D, E, or F. 3 VIxH is the input side logic high. 4 VIxL is the input side logic low. 5 VI is the voltage input. 6 N0 refers to the ADuM260N0/ADuM261N0/ADuM262N0/ADuM263N0 models. N1 refers to the ADuM260N1/ADuM261N1/ADuM262N1/ADuM263N1 models. See the Ordering Guide section. 7 |CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common- mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. Table 2. Total Supply Current vs. Data Throughput 1 Mbps 25 Mbps 100 Mbps Parameter Symbol Min Typ Max Min Typ Max Min Typ Max Unit SUPPLY CURRENT ADuM260N Supply Current Side 1 IDD1 10.8 15.8 12.3 19.2 18.3 26 mA Supply Current Side 2 IDD2 3.6 5.5 5.63 9.0 12.8 20.9 mA ADuM261N Supply Current Side 1 IDD1 9.27 14.5 10.9 17.2 17.3 25.6 mA Supply Current Side 2 IDD2 5.33 9.0 7.39 12 14.5 22.2 mA ADuM262N Supply Current Side 1 IDD1 8.53 13.0 10.2 15.6 16.4 25.5 mA Supply Current Side 2 IDD2 6.83 10.5 8.64 13.1 14.6 22.3 mA ADuM263N Supply Current Side 1 IDD1 7.47 12.3 9.35 14.5 15.9 23 mA Supply Current Side 2 IDD2 8.75 14.0 10.5 16.0 17.0 23.3 mA |
Número de pieza similar - ADuM261N1BRIZ-RL |
|
Descripción similar - ADuM261N1BRIZ-RL |