Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM4121CRIZ-RL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADuM4121CRIZ-RL
Descripción Electrónicos  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM4121CRIZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuM4121CRIZ-RL Datasheet HTML 2Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 3Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 4Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 5Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 6Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 7Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 8Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 9Page - Analog Devices ADuM4121CRIZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADuM4121/ADuM4121-1
Data Sheet
Rev. 0| Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature Range (TST)
−55°C to +150°C
Junction Operating Temperature Range (TJ)
−40°C to +125°C
Supply Voltages
VDD1 to GND1
−0.3 V to +7 V
VDD2 to GND2
−0.3 V to +40 V
Input Voltages
VI+, VI1
−0.3 V to +7 V
VCLAMP2
−0.3 V to VDD2 + 0.3 V
Output Voltages
VOUT2
−0.3 V to VDD2 + 0.3 V
Common-Mode Transients (|CM|)3
−200 kV/µs to
+200 kV/µs
1
Rating assumes VDD1 is above 2.5 V. VI+ and VI− are rated up to 6.5 V when
VDD1 is unpowered.
2
Referenced to GND2, maximum of 40 V.
3
|CM| refers to common-mode transients across the insulation barrier.
Common-mode transients exceeding the Absolute Maximum Rating can
cause latch-up or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required. θJA is thermal resistance,
junction to ambient (°C/W).
Table 8. Thermal Resistance
Package Type
θJA
Unit
RI-8-11
104.2
°C/W
1
Test Condition 1: thermal impedance simulated values are based on a
4-layer PCB.
ESD CAUTION
Table 9. Maximum Continuous Working Voltage1
Parameter
Rating
Unit
Constraint
AC Voltage
Bipolar Waveform
Basic Insulation
849
V peak
50-year minimum insulation lifetime
Reinforced Insulation
789
V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
Unipolar Waveform
Basic Insulation
1698
V peak
50-year minimum insulation lifetime
Reinforced Insulation
849
V peak
50-year minimum insulation lifetime
DC Voltage
Basic Insulation
1118
V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
Reinforced Insulation
558
V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
1
Maximum continuous working voltage refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more
details.
Table 10. Truth Table
VI
VI+
VDD1 State
VDD2 State
VOUT Output
Don’t care
Low
Powered
Powered
Low
Low
High
Powered
Powered
High
High
Don’t care
Powered
Powered
Low
Don’t care
Don’t care
Unpowered
Powered
Low
Don’t care
Don’t care
Powered
Unpowered
Low1
1
The output is low, but not actively driven because the device is not powered.


Número de pieza similar - ADuM4121CRIZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

Descripción similar - ADuM4121CRIZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com