Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC701 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADC701
Descripción Electrónicos  16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC701 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADC701 Datasheet HTML 1Page - Burr-Brown (TI) ADC701 Datasheet HTML 2Page - Burr-Brown (TI) ADC701 Datasheet HTML 3Page - Burr-Brown (TI) ADC701 Datasheet HTML 4Page - Burr-Brown (TI) ADC701 Datasheet HTML 5Page - Burr-Brown (TI) ADC701 Datasheet HTML 6Page - Burr-Brown (TI) ADC701 Datasheet HTML 7Page - Burr-Brown (TI) ADC701 Datasheet HTML 8Page - Burr-Brown (TI) ADC701 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
®
ADC701/SHC702
5
PIN NO.
DESCRIPTION
1
Sample/Hold Output
2NC(3)
3NC
4NC
5NC
6NC
7NC
8NC
9+VDD1 (+5V) Analog
10
Common (Digital)
11
Hold Input(1)
12
Hold Input(1)
ADC701 OUTPUT CODING
OUTPUT CODE
INPUT LEVEL
0–10V RANGE
±10V RANGE
±5V RANGE
(1 = Logic High)
CLIP
(Exact Center of Code)
(1LSB
≈153µV)
(1LSB
≈05µV
(1LSB
≈153µV)
MSB
LSB
DETECT
Underrange
< –76
µV
< –10.000153V
< –5.000076V
0000 0000 0000 0000
1
–FS
0V
–10V
–5V
0000 0000 0000 0000
0
–FS + 1LSB
+153
µV
–9.999695V
–4.999847V
0000 0000 0000 0001
0
–3/4FS
+1.25V
–7.5V
–3.75V
0010 0000 0000 0000
0
–1/2FS
+2.5V
–5V
–2.5V
0100 0000 0000 0000
0
–1/4FS
+3.75V
–2.5V
–1.25V
0110 0000 0000 0000
0
–1LSB
+4.999847V
–305
µV
–153
µV
0111 1111 1111 1111
0
Mid-Scale
+5V
0V
0V
1000 0000 0000 0000
0
+1LSB
+5.000153V
+305
µV
+153
µV
1000 0000 0000 0001
0
+1/4FS
+6.25V
+2.5V
+1.25V
1010 0000 0000 0000
0
+1/2FS
+7.5V
+5V
+2.5V
1100 0000 0000 0000
0
+3/4FS
+8.75V
+7.5V
+3.75V
1110 0000 0000 0000
0
+FS –2LSB
+9.999695V
+9.99939V
+4.999695V
1111 1111 1111 1110
0
+FS – 1LSB
+9.999847V
+9.999695V
+4.999847V
1111 1111 1111 1111
0
Overrange
> +9.999924V
> +9.999847V
> +4.999924V
1111 1111 1111 1111
1
NOMINAL INPUT VOLTAGE TO ADC701
(Multiply by –1 for SHC702 Input Voltage)
SHC702 ORDERING INFORMATION
SHC702 PIN ASSIGNMENTS
SHC702
J
M
Basic Model Number
Performance Grade Code
J: 0
°C to +70°C Ambient Temperature
Package Code
M: Metal
PIN NO.
DESCRIPTION
24
+VCC (+15V) Analog
23
Common (Power)
22
–VCC (–15V) Analog
21
Common (Analog)
20
NC
19
NC
18
NC
17
Buffer Amp Input(2)
16
NC
15
Common (Signal)
14
Buffer Amp Output
13
Analog Input
NOTES: (1) Hold mode is activated only when pin 12 is low and pin 11 is high.
For normal use with ADC701, pin 12 is grounded and pin 11 is connected to
ADC701 Sample/Hold control (ADC701 pin 15). (2) If the buffer amp is not used,
pin 17 should be grounded. (3) NC = No Internal Connection.
PACKAGING INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
SHC702JM
24-Pin
037
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
SHC702 ABSOLUTE MAXIMUM RATINGS
±V
cc .................................................................................................... ±18V
+VDD1 ................................................................................................... +7V
Analog and Buffer Inputs ...................................................................
±V
CC
Outputs .......................................................... Indefinite Short to Common
Logic Inputs ........................................................... –0.5V to (+VDD1 + 0.3V)
Case Temperature ........................................................................ +150
°C
Junction Temperature ................................................................... +165
°C
Storage Temperature ...................................................... –65
°C to +165°C
Power Dissipation .............................................................................. 1.5W
Stresses above these ratings may permanently damage the device.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Número de pieza similar - ADC701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Descripción similar - ADC701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com