Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3180 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-3180
Descripción Electrónicos  Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3180 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-3180 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3180 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Agilent HCPL-3180 2 Amp Output
Current, High Speed IGBT/MOSFET Gate
Drive Optocoupler
Data Sheet
Description
This family of devices consists of
a GaAsP LED. The LED is
optically coupled to an
integrated circuit with a power
stage. These optocouplers are
ideally suited for high frequency
driving of power IGBT and
MOSFETs used in Plasma
Display Panels, high
performance DC/DC convertors
and motor control invertor
applications.
Ordering Information
Specify part number followed by
option number (if desired):
Example : HCPL-3180-XXX
Features
2 A minimum peak output current
250 KHz maximum switching
speed
High speed response: 200 ns max
Propagation delay over
temperature range
10 KV/us minimum common mode
rejection (CMR) at VCM=1500 V
Under voltage lockout protection
(UVLO) with hysteresis
Wide operating temperature
range: -40 °C to +100 °C
Wide VCC operating range:
10 V to 20 V
20 ns typ pulse width distortion
Safety Approvals:
UL approval pending
3750 VRMS for 1 minute.
CSA approval
DIN EN 60747-5-2 approval
pending
Applications
Plasma Display Panel (PDP)
Distributed power architecture
(DPA)
Switch mode rectifier (SMR)
High performance DC/DC
convertor
High performance switch mode
power supply (SMPS)
High performance uninterruptible
power supply (UPS)
Isolated IGBT/Power MOSFET
gate drive
No option = Standard DIP
package, 50 per tube.
300 = Gull Wing Surface Mount
Option, 50 per tube.
500 = Tape and Reel Packaging
Option.
060 = DIN EN 60747-5-2 Option,
VIORM=630 Vpeak (pending
approval)
N/C
ANODE
CATHODE
N/C
V
CC
V
O
V
EE
1
6
3
4
27
8
5
V
O
Functional Diagram
A 0.1 uF bypass capacitor must be connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/
or degradation which may be induced by ESD.


Número de pieza similar - HCPL-3180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180 AVAGO-HCPL-3180 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results

Descripción similar - HCPL-3180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140 AVAGO-HCPL-3140 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
   IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3190 AVAGO-ACNW3190 Datasheet
1,004Kb / 16P
   5.0 Amp High Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com