Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744786212A Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744786212A
Descripción Electrónicos  WE-MK Multilayer Ceramic SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744786212A Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744786212A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786212A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786212A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786212A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744786212A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.1
2.0
1.0
REV
2015-06-03
2014-04-14
2010-02-22
DATE
SSt
SSt
ES
BY
HBH
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MK Multilayer Ceramic SMD Inductor
Order.- No.
744786212A
SIZE
A4
Size: 0603A
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744786212A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744786210A WURTH-744786210A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786215A WURTH-744786215A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786218A WURTH-744786218A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results

Descripción similar - 744786212A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744784039A WURTH-744784039A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784133A WURTH-744784133A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784139A WURTH-744784139A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786056A WURTH-744786056A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478215 WURTH-74478215 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478222 WURTH-74478222 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
74478227 WURTH-74478227 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782039 WURTH-744782039 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744782015 WURTH-744782015 Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744786182A WURTH-744786182A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
744784127A WURTH-744784127A Datasheet
1Mb / 5P
   WE-MK Multilayer Ceramic SMD Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com