Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74438324082 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74438324082
Descripción Electrónicos  WE-MAPI SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438324082 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438324082 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438324082 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
0,7 ±0,2
2,5 ±0,2
Scale - 10:1
Recommended Land Pattern: [mm]
2,8
1,1
No vias and traces in restricted area.
Solder Resist
Scale - 10:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
8.2
µH
±20%
Rated Current
ΔT = 40 K
IR
0.8
A
max.
Saturation Current
|ΔL/L| < 20 %
ISAT
1.5
A
typ.
DC Resistance
@ 20 °C
RDC
630
mΩ
typ.
DC Resistance
@ 20 °C
RDC
720
mΩ
max.
Self Resonant
Frequency
fres
25
MHz
typ.
Electrical Properties:
It is recommeded that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature
(refering to IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in
original packaging)
-20 °C up to +40 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
SSt
SSt
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMD Shielded Power
Inductor
ORDER CODE
74438324082
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
2512
001.001
Valid
2015-11-10
eiSos
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74438324082

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744383240047 WURTH-744383240047 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383240056 WURTH-744383240056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383240068 WURTH-744383240068 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324010 WURTH-74438324010 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results

Descripción similar - 74438324082

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744383430056 WURTH-744383430056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383130033 WURTH-744383130033 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438333022 WURTH-74438333022_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438335068 WURTH-74438335068_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438356015 WURTH-74438356015 Datasheet
516Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343015 WURTH-74438343015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343022 WURTH-74438343022 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324033 WURTH-74438324033 Datasheet
1Mb / 6P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com