Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC44353 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MC44353
Descripción Electrónicos  MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44353 Datasheet(HTML) 3 Page - Motorola, Inc

  MC44353 Datasheet HTML 1Page - Motorola, Inc MC44353 Datasheet HTML 2Page - Motorola, Inc MC44353 Datasheet HTML 3Page - Motorola, Inc MC44353 Datasheet HTML 4Page - Motorola, Inc MC44353 Datasheet HTML 5Page - Motorola, Inc MC44353 Datasheet HTML 6Page - Motorola, Inc MC44353 Datasheet HTML 7Page - Motorola, Inc MC44353 Datasheet HTML 8Page - Motorola, Inc MC44353 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC44353 MC44354 MC44355
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (Parameter Type: A–100% Tested, B–100% Correlation Tested, C–Characterized on
Samples. D–Design Parameter, VCC = 5.0 V, TA = 25C, Video input 1.0 Vpp, 10 step greyscale. Step 3 [typ. 80%] modulation depth for
PAL; Step 5 [typ 90%] modulation for SECAM L; P/S ration Step 3 [typ 14.5 dB]. RF output into 75
Ω load. Unless otherwise noted.)
(Specifications only valid for envelope demodulation.)
Characteristic
Type
Unit
Max
Typ
Min
Symbol
UHF Comparator Pump Current (Note 1)
2.0
4.0
6.0
µA
A
Sound Comparator Pump Current (Note 2)
2.0
3.8
5.6
µA
A
Op–Amp Input Current
20
nA
A
Oscillator Stability – negative resistance
1.0
k
D
Delay VCCA/D to VCC Mod Application (See Figure 2)
t_sup_del
0
ns
D
VCCA/D & VCC Mod Duration for Standby Mode Function
(See Figure 2)
t_sup_min
30
ms
D
NOTES: 1. Current sources driven by the UHF phase comparactor, that are connected to Pin 1.
2. Current sources driven by the phase sound comparator, that are connected to Pin 8.
VCCA/D
VCCmod
5.0 V
0 V
0 V
t_sup_min
t_sup_del
time
0 V
5.0 V
Figure 2. Initial Power–On and Standby Mode VCC Timing Diagram
For proper operation of internal reset functions, VCCA and
VCCD (which must be applied simultaneously) may not be
applied after VCCmod.
Normally, all VCC lines will come up at the same time.
However, due to the possibility of a Standby VCC to be
applied to the VCCmod pin, care should be ensured that
VCCmodisnotappliedbeforeVCCAandVCCD(whichmustbe
tied together). See the timing diagram and DATA
RETENTION function description.
NotethatVCCA/DandVCCmodmustbeactivatedabove4.5
V for a least 30 msecs before the device can operate
correctly in Standby Mode.
HIGH SPEED I2C COMPATIBLE BUS CHARACTERISTICS (Over Functional Temperature Range – VCC = 5.0 V)
Characteristic
Symbol
Min
Typ
Max
Unit
Type
SDA/SCL Output Current at 0 V
10
µA
A
SDA/SCL Low Input Level
Vil
1.5
V
B
SDA/SCL High Input Level
Vih
3.0
V
B
SDA/SCL Input Current for Input Level from 0.4 V to 0.3 VCC
–5.0
5.0
µA
C
SDA/SCL Input Level
0
VCC
+ 0.3
V
D
SDA/SCL Capacitance
Ci
10
pF
C
ACK Low Output Level (sinking 3.0 mA)
0.3
1.0
V
A
ACK Low Output Level (sinking 15 mA)
1.5
V
C


Número de pieza similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44302A MOTOROLA-MC44302A Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302ADW MOTOROLA-MC44302ADW Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302AP MOTOROLA-MC44302AP Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
More results

Descripción similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com