Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC44353 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MC44353
Descripción Electrónicos  MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44353 Datasheet(HTML) 4 Page - Motorola, Inc

  MC44353 Datasheet HTML 1Page - Motorola, Inc MC44353 Datasheet HTML 2Page - Motorola, Inc MC44353 Datasheet HTML 3Page - Motorola, Inc MC44353 Datasheet HTML 4Page - Motorola, Inc MC44353 Datasheet HTML 5Page - Motorola, Inc MC44353 Datasheet HTML 6Page - Motorola, Inc MC44353 Datasheet HTML 7Page - Motorola, Inc MC44353 Datasheet HTML 8Page - Motorola, Inc MC44353 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC44353 MC44354 MC44355
4
MOTOROLA ANALOG IC DEVICE DATA
HIGH SPEED I2C COMPATIBLE BUS CHARACTERISTICS (continued) (Over Functional Temperature Range – VCC = 5.0 V)
Characteristic
Type
Unit
Max
Typ
Min
Symbol
Bus Clock Frequency
0
800
kHz
C
Bus Free Time Between Stop and Start
Tbuf
200
ns
C
Setup Time for Start Conditions
Tsu;sta
500
ns
C
Hold Time for Start Condition
Thd;sta
500
ns
C
Data Setup Time
Tsu;dat
0
ns
C
Data Hold Time
Thd;dat
0
ns
C
Setup Time for Stop Condition
Tsu;sto
500
ns
C
Hold time for Stop Condition
Thd;sto
500
ns
C
Acknowledge Propagation Delay
Tack;low
300
ns
C
SDA Fall Time at 3.0 mA sink and 130 pF Load
50
ns
C
SDA Fall Time at 3.0 mA sink and 400 pF Load
80
ns
C
SDA/SCL Rise Time
300
ns
C
SCL Fall Time
300
ns
C
Pulse Width of Spikes Suppressed by the Input Filter
Tsp
50
ns
C
0 V
VCC
VIH
VIL
Not Defined
Tbuf
Thd;dat
Tsu;dat
Tsu;sto Thd;sta
Tack:low
Start
Stop
Tsu;sta
Chip address
Thd;sto
Start
Stop
SDA
SCL
SDA
SCL
SDA
SCL
ACK
Figure 3. Timings Definition
Figure 4. Levels Definition


Número de pieza similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44302A MOTOROLA-MC44302A Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302ADW MOTOROLA-MC44302ADW Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302AP MOTOROLA-MC44302AP Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
More results

Descripción similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com