Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC44353 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MC44353
Descripción Electrónicos  MULTI?밪TANDARD AND PAL/NTSC MODULATOR ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44353 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC44353 Datasheet HTML 2Page - Motorola, Inc MC44353 Datasheet HTML 3Page - Motorola, Inc MC44353 Datasheet HTML 4Page - Motorola, Inc MC44353 Datasheet HTML 5Page - Motorola, Inc MC44353 Datasheet HTML 6Page - Motorola, Inc MC44353 Datasheet HTML 7Page - Motorola, Inc MC44353 Datasheet HTML 8Page - Motorola, Inc MC44353 Datasheet HTML 9Page - Motorola, Inc MC44353 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC44353 MC44354 MC44355
6
MOTOROLA ANALOG IC DEVICE DATA
VIDEO CHARACTERISTICS
Characteristic
Test Conditions
Min
Typ
Max
Unit
Type
Video Bandwidth
(0/–1.0 dB; ref 0 dB @ 100 kHz)
5
-
MHz
C
Video Input Level
1.5
VCVBS
D
Video Input Current
50
200
nA
A
Peak White Clip (Note 1)
108
112
116
%
B
Video Input Impedance
Measured at 1.0 kHz (at Pin 13)
500/4
k
Ω/pF
D
Video S/N
See Note 2
Figure 6
Figure 6
dB
C
Differential Phase
See Note 2
Figure 7
Figure 7
Figure 7
°
C
Differentical Gain
On line CCIR 310, worst from the
first 4 steps out of 5
1.0
5
%
C
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/3.2
7.2/2.8
B
PAL Video Modulation Depth Step 3
P
bli8
f 2 5%
76
82
88
%
B
SECAM Video Modulation Depth
Step 5 (MC44353 Only)
Programmable in 8 steps of 2.5%
84.5
90.5
96.5
%
B
NOTES: 1. The circuit is equipped with a ’soft clip’ function. The Video Modulation depth is measured for a 1.0 VCVBS input level, giving modulation depth
MDA; then the same measurement is carried out for an input level of 1.5 VCVBS, giving modulation depth MDB. The Peak White Clip is defined as
100*(MDB)/(MBA).
2. The frequency dependent specifications are greatly influenced by the PCB layout in the application. These specifications have all been measured
using a Motorola application layout and circuit similarly as shown in Figures 19 and 21. The reference number for ordering this evaluation board
is MC44350EVK.
–6.0
60
21
Channel Number
24 27 30 33 36 39 42 45 48 51 54 57 60 63 66 69
55
50
45
Typical Performance
Maximum Specification Limit
21
Channel Number
24 27 30 33 36 39 42 45 48 51 54 57 60 63 66 69
–8.0
Typical Performance
Maximum Specification Limit
–4.0
–2.0
0
2.0
4.0
6.0
8.0
Minimum Specification Limit
Figure 6. Video Signal to Noise
Figure 7. Differential Phase


Número de pieza similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44302A MOTOROLA-MC44302A Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302ADW MOTOROLA-MC44302ADW Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
MC44302AP MOTOROLA-MC44302AP Datasheet
615Kb / 28P
   ADVANCED MULTI?밪TANDARD VIDEO/SOUND IF
More results

Descripción similar - MC44353

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC44BC373 MOTOROLA-MC44BC373 Datasheet
635Kb / 24P
   Multi-Standard or PAL/ NTSC Modulator with integrated antenna booster/splitter ICs
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com