Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BCW66GLT1G_16 Datasheet(Hoja de datos) 1 Page - ON Semiconductor

No. de Pieza. BCW66GLT1G_16
Descripción  General Purpose Transistor
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2016 − Rev. 6
1
Publication Order Number:
BCW66GLT1/D
BCW66GLT1G,
SBCW66GLT1G
General Purpose Transistor
NPN Silicon
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
45
Vdc
Collector − Base Voltage
VCBO
75
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
800
mAdc
Collector Current − Pulsed
IC
1200
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1), TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
SOT−23
(TO−236)
CASE 318
STYLE 6
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
EG
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
BCW66GLT1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
EG M
G
G
(*Note: Microdot may be in either location)
SBCW66GLT1G
SOT−23
(Pb−Free)
3,000/Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
BCW66GLT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
www.onsemi.com




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl