Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMMBT2222AL Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza SMMBT2222AL
Descripción Electrónicos  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMMBT2222AL Datasheet(HTML) 5 Page - ON Semiconductor

  SMMBT2222AL Datasheet HTML 1Page - ON Semiconductor SMMBT2222AL Datasheet HTML 2Page - ON Semiconductor SMMBT2222AL Datasheet HTML 3Page - ON Semiconductor SMMBT2222AL Datasheet HTML 4Page - ON Semiconductor SMMBT2222AL Datasheet HTML 5Page - ON Semiconductor SMMBT2222AL Datasheet HTML 6Page - ON Semiconductor SMMBT2222AL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MMBT2222L, MMBT2222AL, SMMBT2222AL
www.onsemi.com
5
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0
5.0 7.0 10
20 30
50
0.2 0.3
0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current−Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C
Figure 11. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 12. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.5
0.7
0.8
1.0
1.1
1.3
Figure 13. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.2
0.3
0.5
0.6
0.7
0.9
1.1
1.2
IC/IB = 10
150
°C
−55
°C
25
°C
0.4
0.6
0.9
1.2
IC/IB = 10
150
°C
−55
°C
25
°C
0.4
0.8
1.0
VCE = 1 V
150
°C
−55
°C
25
°C
Figure 14. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
-0.5
0
+0.5
-1.0
-1.5
-2.5
RqVC for VCE(sat)
RqVB for VBE
-2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500


Número de pieza similar - SMMBT2222AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SMMBT2222ALT1G ONSEMI-SMMBT2222ALT1G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
SMMBT2222ALT3G ONSEMI-SMMBT2222ALT3G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
More results

Descripción similar - SMMBT2222AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com