Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-40LT1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BC817-40LT1G
Descripción Electrónicos  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-40LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BC817-40LT1G Datasheet HTML 1Page - ON Semiconductor BC817-40LT1G Datasheet HTML 2Page - ON Semiconductor BC817-40LT1G Datasheet HTML 3Page - ON Semiconductor BC817-40LT1G Datasheet HTML 4Page - ON Semiconductor BC817-40LT1G Datasheet HTML 5Page - ON Semiconductor BC817-40LT1G Datasheet HTML 6Page - ON Semiconductor BC817-40LT1G Datasheet HTML 7Page - ON Semiconductor BC817-40LT1G Datasheet HTML 8Page - ON Semiconductor BC817-40LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BC817−16L, SBC817−16L, BC817−25L, SBC817−25L, BC817−40L, SBC817−40L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 10 mA)
V(BR)CEO
45
V
Collector − Emitter Breakdown Voltage
(VEB = 0, IC = 10 mA)
V(BR)CES
50
V
Emitter − Base Breakdown Voltage
(IE = 1.0 mA)
V(BR)EBO
5.0
V
Collector Cutoff Current
(VCB = 20 V)
(VCB = 20 V, TA = 150°C)
ICBO
100
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC817−16, SBC817−16
BC817−25, SBC817−25
BC817−40, SBC817−40
(IC = 500 mA, VCE = 1.0 V)
hFE
100
160
250
40
250
400
600
Collector − Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.7
V
Base − Emitter On Voltage
(IC = 500 mA, VCE = 1.0 V)
VBE(on)
1.2
V
SMALL− SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = 10 V, f = 1.0 MHz)
Cobo
10
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Device
Specific Marking
Package
Shipping
BC817−16LT1G
6A
SOT−23
(Pb−Free)
3000 / Tape & Reel
NSVBC817−16LT1G
BC817−16LT3G
10,000 / Tape & Reel
SBC817−16LT3
BC817−25LT1G
6B
SOT−23
(Pb−Free)
3000 / Tape & Reel
SBC817−25LT1G
BC817−25LT3G
10,000 / Tape & Reel
SBC817−25LT3G
BC817−40LT1G
6C
SOT−23
(Pb−Free)
3000 / Tape & Reel
SBC817−40LT1G
BC817−40LT3G
10,000 / Tape & Reel
SBC817−40LT3G
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - BC817-40LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BC817-40LT1G ONSEMI-BC817-40LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-40LT1G ONSEMI-BC817-40LT1G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
BC817-40LT1G ONSEMI-BC817-40LT1G Datasheet
186Kb / 10P
   General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
November, 2011 ??Rev. 11
More results

Descripción similar - BC817-40LT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com