Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19104N12H-M5T1U Datasheet(PDF) 16 Page - Seiko Instruments Inc

No. de pieza S-19104N12H-M5T1U
Descripción Electrónicos  VOLTAGE DETECTOR WITH SENSE PIN
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SII [Seiko Instruments Inc]
Página de inicio  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19104N12H-M5T1U Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S-19104N12H-M5T1U Datasheet HTML 12Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 13Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 14Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 15Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 16Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 17Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 18Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 19Page - Seiko Instruments Inc S-19104N12H-M5T1U Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-19104/19106 Series
Rev.1.2_00
16
Operation
1. Basic operation
1. 1 S-19104/19106 Series N type
(1) When the power supply voltage (VDD) is the minimum operation voltage or higher, and the SENSE pin voltage
(VSENSE) is the release voltage (
+VDET) or higher, the Nch transistor is turned off to output VDD ("H") when the
output is pulled up. Since the Nch transistor (N1) is turned off, the input voltage to the comparator is
(RB
+ RC ) • VSENSE
RA
+ RB + RC
.
(2) Even if VSENSE decreases to
+VDET or lower, VDD is output when VSENSE is higher than the detection voltage
(
−VDET).
When VSENSE decreases to
−VDET or lower (point A in Figure 21), the Nch transistor is turned on. And then VSS
("L") is output from the OUT pin after the elapse of the detection delay time (tDET).
At this time, N1 is turned on, and the input voltage to the comparator is
RB
• VSENSE
RA
+ RB
.
(3) Even if VSENSE further decreases to the IC's minimum operation voltage or lower, the output from the OUT pin is
stable when VDD is minimum operation voltage or higher.
(4) Even if VSENSE exceeds
−VDET, VSS is output when VSENSE is lower than +VDET.
(5) When VSENSE increases to
+VDET or higher (point B in Figure 21), the Nch transistor is turned off. And then VDD
is output from the OUT pin after the elapse of the release delay time (tRESET) when the output is pulled up.
VSS
*1
*1
VREF
+
OUT
VDD
*1
SENSE
N1
RB
RC
RA
VDD
V
+
R
100 k
Ω
VSENSE
Nch
Delay
circuit
*1
CD
CD
*1.
Parasitic diode
Figure 20 Operation of S-19104/19106 Series N Type
A
B
VSENSE
VSS
VDD
VSS
(1)
(2) (3)
(5)
(4)
tDET
tRESET
Hysteresis width
(VHYS)
Minimum operation voltage
Output from OUT pin
Release voltage (
+VDET)
Detection voltage (
−VDET)
Figure 21 Timing Chart of S-19104/19106 Series N Type


Número de pieza similar - S-19104N12H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Descripción similar - S-19104N12H-M5T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19102N10H-M5T1U SII-S-19102N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com